Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21990BBC Datasheet(PDF) 28 Page - Analog Devices

Part # ADSP-21990BBC
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BBC Datasheet(HTML) 28 Page - Analog Devices

Back Button ADSP-21990BBC Datasheet HTML 24Page - Analog Devices ADSP-21990BBC Datasheet HTML 25Page - Analog Devices ADSP-21990BBC Datasheet HTML 26Page - Analog Devices ADSP-21990BBC Datasheet HTML 27Page - Analog Devices ADSP-21990BBC Datasheet HTML 28Page - Analog Devices ADSP-21990BBC Datasheet HTML 29Page - Analog Devices ADSP-21990BBC Datasheet HTML 30Page - Analog Devices ADSP-21990BBC Datasheet HTML 31Page - Analog Devices ADSP-21990BBC Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Rev. A
|
Page 28 of 50
|
August 2007
ADSP-21990
External Port Write Cycle Timing
Table 9 and Figure 10 describe external port write operations.
The external port lets systems extend read/write accesses in
three ways: wait states, ACK input, and combined wait states
and ACK. To add waits with ACK, the DSP must see ACK low
at the rising edge of EMI clock. ACK low causes the DSP to wait,
and the DSP requires two EMI clock cycles after ACK goes high
to finish the access. For more information, see the External Port
chapter in the ADSP-2199x Mixed Signal DSP Controller Hard-
ware Reference.
Table 9. External Port Write Cycle Timing
Parameter
Min
Max
Unit
Timing Requirements
1, 2
tAKW
ACK Strobe Pulse Width
12.5
ns
tDWSAK
ACK Delay from XMS Low
0.5tEMICLK – 1
ns
Switching Characteristics
tCSWS
Chip Select Asserted to WR Asserted Delay
0.5tEMICLK – 4
ns
tAWS
Address Valid to WR Setup and Delay
0.5tEMICLK – 3
ns
tWSCS
WR Deasserted to Chip Select Deasserted
0.5tEMICLK – 4
ns
tWSA
WR Deasserted to Address Invalid
0.5tEMICLK – 3
ns
tWW
WR Strobe Pulse Width
tEMICLK–2 + W
3
ns
tCDA
WR to Data Enable Access Delay
0
ns
tCDD
WR to Data Disable Access Delay
0.5tEMICLK – 3
0.5tEMICLK + 4
ns
tDSW
Data Valid to WR Deasserted Setup
tEMICLK + 1 + W
3
tEMICLK + 7 + W
3
ns
tDHW
WR Deasserted to Data Invalid Hold Time; E_WHC
4, 5
3.4
ns
tDHW
WR Deasserted to Data Invalid Hold Time; E_WHC4, 6
tEMICLK + 3.4
ns
tWWR
WR Deasserted to WR, RD Asserted
tHCLK
ns
1 tEMICLK is the external memory interface clock period. tHCLK is the peripheral clock period.
2 These are timing parameters that are based on worst-case operating conditions.
3 W = (number of wait states specified in wait register)
tBMCLK
4 Write hold cycle–memory select control registers (MS
CTL).
5 Write wait state count (E_WHC) = 0
6 Write wait state count (E_WHC) = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com