Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21990BBC Datasheet(PDF) 22 Page - Analog Devices

Part # ADSP-21990BBC
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BBC Datasheet(HTML) 22 Page - Analog Devices

Back Button ADSP-21990BBC Datasheet HTML 18Page - Analog Devices ADSP-21990BBC Datasheet HTML 19Page - Analog Devices ADSP-21990BBC Datasheet HTML 20Page - Analog Devices ADSP-21990BBC Datasheet HTML 21Page - Analog Devices ADSP-21990BBC Datasheet HTML 22Page - Analog Devices ADSP-21990BBC Datasheet HTML 23Page - Analog Devices ADSP-21990BBC Datasheet HTML 24Page - Analog Devices ADSP-21990BBC Datasheet HTML 25Page - Analog Devices ADSP-21990BBC Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
Rev. A
|
Page 22 of 50
|
August 2007
ADSP-21990
PERIPHERALS ELECTRICAL CHARACTERISTICS—ADSP-21990BBC
Parameter
Description
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTER
AC Specifications
SNR
Signal-to-Noise Ratio
1
1 In all cases, the input frequency to the ADC system is assumed to be <100 kHz.
68
71
dB
SNRD
Signal-to-Noise and Distortion
1
64
68
dB
THD
Total Harmonic Distortion
1
–72
–66
dB
CTLK
Channel-Channel Crosstalk1
–78
–66
dB
CMRR
Common-Mode Rejection Ratio1
–74
–66
dB
PSRR
Power Supply Rejection Ratio1
0.05
0.2
%FSR
Accuracy
INL
Integral Nonlinearity
1
±1.0
±2.0
LSB
DNL
Differential Nonlinearity
1
±0.5
±1.25
LSB
No Missing Codes
12
Bits
Zero Error1
1.25
2.5
%FSR
Gain Error1
0.5
1.5
%FSR
Input Voltage
VIN
Input Voltage Span
2.0
V
CIN
Input Capacitance
2
2 Analog input pins VIN0 to VIN7.
10
pF
Conversion Time
FCLK
ADC Clock Rate
18.75
MHz
tCONV
Total Conversion Time All 8 Channels
773
ns
VOLTAGE REFERENCE
Internal Voltage Reference3
3 These specifications are for operation of the internal voltage reference so that SENSE = REFCOM, with the default 1.0 V operating mode.
0.94
0.98
1.02
V
Output Voltage Tolerance
40
mV
Output Current
100
μA
Load Regulation
4
4 Operation with full 0.1 mA load current. For optimal operation, it is recommended to buffer the VREF output voltage before using it in other parts of the system.
0.5
2
mV
Power Supply Rejection Ratio
0.5
2
mV
Reference Input Resistance
8
k
Ω
POWER-ON-RESET
VRST
Reset Threshold Voltage
1.4
2.1
V
VHYST
Hysteresis Voltage
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com