Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMDV1069 Datasheet (PDF) - Infinite Electronics International, Inc.

FMDV1069 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMDV1069
Download  FMDV1069 Download
File Size   660.24 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 4 Way Power Divider 2.92mm Interface from 18 GHz to 40 GHz Rated at 20 Watts

FMDV1069 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMDV1069 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMDV1069
Download  FMDV1069 Click to download

File Size   660.24 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 4 Way Power Divider 2.92mm Interface from 18 GHz to 40 GHz Rated at 20 Watts

FMDV1069 Datasheet (HTML) - Infinite Electronics International, Inc.


FMDV1069 Product details

Features
• 4-Way Power Divider
• High Power Wilkinson Design
• 18 to 40 GHz Frequency Range
• Max Power 20 Watts (CW)
• Insertion Loss < 1.6 dB
• Isolation > 16 dB
• Applications:
• Test and Measurement
• Military Communications
• Commercial Communications
• Wireless Communications
• SATCOM
• FMDV1069
• DATA SHEET




Similar Part No. - FMDV1069

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMDV1060 FAIRVIEW-FMDV1060 Datasheet
739Kb / 4P
2 Way Power Divider 2.92mm Interface from 2 GHz to 40 GHz Rated at 20 Watts
REV 1.0
FMDV1061 FAIRVIEW-FMDV1061 Datasheet
746Kb / 4P
2 Way Power Divider 2.92mm Interface from 6 GHz to 40 GHz Rated at 20 Watts
REV 1.0
FMDV1062 FAIRVIEW-FMDV1062 Datasheet
742Kb / 4P
2 Way Power Divider 2.92mm Interface from 10 GHz to 43.3 GHz Rated at 20 Watts
REV 1.0
FMDV1063 FAIRVIEW-FMDV1063 Datasheet
741Kb / 4P
2 Way Power Divider SMA Interface from 15 GHz to 26.5 GHz Rated at 20 Watts
REV 1.0
FMDV1064 FAIRVIEW-FMDV1064 Datasheet
741Kb / 4P
2 Way Power Divider 2.92mm Interface from 18 GHz to 40 GHz Rated at 20 Watts
REV 1.0
More results


Similar Description - FMDV1069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2026 PASTERNACK-PE2026 Datasheet
245Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2031 PASTERNACK-PE2031 Datasheet
458Kb / 2P
50 Ohm 4 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2077 PASTERNACK-PE2077 Datasheet
251Kb / 3P
50 Ohm 2 Way 2.92mm Power Divider From 10 GHz to 40 GHz Rated at 12 Watts
PE2078 PASTERNACK-PE2078 Datasheet
241Kb / 3P
50 Ohm 2 Way 2.92mm Power Divider From 10 GHz to 40 GHz Rated at 12 Watts
PE2080 PASTERNACK-PE2080 Datasheet
234Kb / 2P
50 Ohm 2 Way SMA Power Divider From 4 GHz to 8 GHz Rated at 10 Watts
PE2081 PASTERNACK-PE2081 Datasheet
236Kb / 2P
50 Ohm 2 Way SMA Power Divider From 7 GHz to 12.4 GHz Rated at 10 Watts
PE2083 PASTERNACK-PE2083 Datasheet
243Kb / 3P
50 Ohm 2 Way 2.92mm Resistive Power Divider From DC to 26.5 GHz Rated at 1 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
PE2096 PASTERNACK-PE2096 Datasheet
334Kb / 2P
50 Ohm 2 Way SMA Wilkinson Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com