Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMDV1069 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMDV1069
Description  4 Way Power Divider 2.92mm Interface from 18 GHz to 40 GHz Rated at 20 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMDV1069 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMDV1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMDV1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMDV1069 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMDV1069 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Humidity
100% RH at 35°C, 95% RH at 40°C
Shock
20G for 11msec half sine wave, 3 axis both directions
Vibration
25g RMS (15 degrees 2KHz) endurance, 1 hour per axis
Altitude
30,000 ft. (Epoxy Sealed Controlled environment)
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
18
20
22
24
26
28
30
32
34
36
38
40
GHz
Input VSWR
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
18
20
22
24
26
28
30
32
34
36
38
40
dB
GHz
Insertion Loss
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 2 of 4
FMDV1069
DATA SHEET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com