Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMDV1069 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMDV1069
Description  4 Way Power Divider 2.92mm Interface from 18 GHz to 40 GHz Rated at 20 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMDV1069 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMDV1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMDV1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMDV1069 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMDV1069 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV 1.0 Page 1 of 4
Copyright © 2020
Fairview Microwave carries a wide selection of power dividers to fit your needs.
These components are essential in many systems, allowing the combination of
multiple signals or splitting of a single signal into multiple signals with equal
magnitude and phase. Fairview Microwave’s resistive and Wilkinson power dividers
come with excellent performance featuring minimal loss, high isolation and low
VSWR. They are available in both narrow and broad bandwidths with a variety of
connector types such as 2.92mm, BNC, N and SMA.
The FMDV1069 is a 4-way high power Wilkinson power divider that operates from
18 to 40 GHz and can handle up to 20 Watts (CW) with 1.6 dB max insertion loss
and 16 dB min isolation. The package interface uses 2.92mm female connectors
and is REACH and RoHS compliant.
Electrical Specifications
Design
Wilkinson
Number of Output Ports
4
Description
Min
Typ
Max
Units
Frequency Range
18
40
GHz
Impedance
50
Ohms
Input VSWR
1.5:1
1.7:1
Output VSWR
1.4:1
1.5:1
Insertion Loss
1.2
1.6
dB
Isolation
16
18
dB
Amplitude Balance
±0.3
±0.4
dB
Phase Balance
±5
±8
Degrees
Input Power (CW)
20
Watts
Reverse Power (CW)
0.5
Watts
Input Power (Peak)
200
Watts
Mechanical Specifications
Size
Length
1.38 in [35.05 mm]
Width
2.05 in [52.07 mm]
Height
0.39 in [9.91 mm]
.
Weight
0.058 lbs [26.31 g]
.
Housing Material and Plating
Aluminum, Gold
Configuration
Package Type
Connectorized
Input Connector
2.92mm Female
Output Connectors
2.92mm Female
Environmental Specifications
Temperature
Operating Range
-45 to +85 deg C
Storage Range
-55 to +125 deg C
4 Way Power Divider 2.92mm Interface from 18 GHz
to 40 GHz Rated at 20 Watts
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• 4-Way Power Divider
• High Power Wilkinson Design
• 18 to 40 GHz Frequency Range
• Max Power 20 Watts (CW)
• Insertion Loss < 1.6 dB
• Isolation > 16 dB
Applications:
• Test and Measurement
• Military Communications
• Commercial Communications
• Wireless Communications
• SATCOM
FMDV1069
DATA SHEET


Similar Part No. - FMDV1069

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMDV1060 FAIRVIEW-FMDV1060 Datasheet
739Kb / 4P
2 Way Power Divider 2.92mm Interface from 2 GHz to 40 GHz Rated at 20 Watts
REV 1.0
FMDV1061 FAIRVIEW-FMDV1061 Datasheet
746Kb / 4P
2 Way Power Divider 2.92mm Interface from 6 GHz to 40 GHz Rated at 20 Watts
REV 1.0
FMDV1062 FAIRVIEW-FMDV1062 Datasheet
742Kb / 4P
2 Way Power Divider 2.92mm Interface from 10 GHz to 43.3 GHz Rated at 20 Watts
REV 1.0
FMDV1063 FAIRVIEW-FMDV1063 Datasheet
741Kb / 4P
2 Way Power Divider SMA Interface from 15 GHz to 26.5 GHz Rated at 20 Watts
REV 1.0
FMDV1064 FAIRVIEW-FMDV1064 Datasheet
741Kb / 4P
2 Way Power Divider 2.92mm Interface from 18 GHz to 40 GHz Rated at 20 Watts
REV 1.0
More results

Similar Description - FMDV1069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2026 PASTERNACK-PE2026 Datasheet
245Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2031 PASTERNACK-PE2031 Datasheet
458Kb / 2P
50 Ohm 4 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2077 PASTERNACK-PE2077 Datasheet
251Kb / 3P
50 Ohm 2 Way 2.92mm Power Divider From 10 GHz to 40 GHz Rated at 12 Watts
PE2078 PASTERNACK-PE2078 Datasheet
241Kb / 3P
50 Ohm 2 Way 2.92mm Power Divider From 10 GHz to 40 GHz Rated at 12 Watts
PE2080 PASTERNACK-PE2080 Datasheet
234Kb / 2P
50 Ohm 2 Way SMA Power Divider From 4 GHz to 8 GHz Rated at 10 Watts
PE2081 PASTERNACK-PE2081 Datasheet
236Kb / 2P
50 Ohm 2 Way SMA Power Divider From 7 GHz to 12.4 GHz Rated at 10 Watts
PE2083 PASTERNACK-PE2083 Datasheet
243Kb / 3P
50 Ohm 2 Way 2.92mm Resistive Power Divider From DC to 26.5 GHz Rated at 1 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
PE2096 PASTERNACK-PE2096 Datasheet
334Kb / 2P
50 Ohm 2 Way SMA Wilkinson Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com