Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-CELNM2-TK Datasheet (PDF) - ams-OSRAM AG

KW-CELNM2-TK Datasheet PDF - ams-OSRAM AG
Part # KW-CELNM2-TK
Download  KW-CELNM2-TK Download
File Size   2114.81 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Compact PL

KW-CELNM2-TK Datasheet (PDF)

Go To PDF Page Download Datasheet
KW-CELNM2-TK Datasheet PDF - ams-OSRAM AG

Part # KW-CELNM2-TK
Download  KW-CELNM2-TK Click to download

File Size   2114.81 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Compact PL

KW-CELNM2-TK Datasheet (HTML) - ams-OSRAM AG


KW-CELNM2-TK Product details

Applications
- Dynamic Forward Lighting - Static Forward Lighting
Features
- Package: Ceramic package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.325, Cy = 0.345 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3A
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Color over angle: Better than passus 3.7.2.1 of supplement proposal 7 to ECE reg. 128





Similar Part No. - KW-CELNM2-TK

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KW-CELNM1-TG AMSOSRAM-KW-CELNM1-TG Datasheet
1Mb / 24P
OSLON™ Compact PL
Version 1.11 2025-07-14
KW-CELNM3-T1 AMSOSRAM-KW-CELNM3-T1 Datasheet
1Mb / 24P
OSLON™ Compact PL
Version 1.2 2025-07-14
KW-CELNM3-TK AMSOSRAM-KW-CELNM3-TK Datasheet
1Mb / 25P
OSLON™ Compact PL
Version 1.4 2025-07-14
KW-CELNM4-TK AMSOSRAM-KW-CELNM4-TK Datasheet
2Mb / 26P
OSLON™ Compact PL
Version 1.2 2026-02-18
More results


Similar Description - KW-CELNM2-TK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4710 OSRAM-SFH4710 Datasheet
308Kb / 12P
OSLON Compact (850nm)
KW2CFLNM1.TG OSRAM-KW2CFLNM1.TG Datasheet
863Kb / 24P
OSLON Compact PL
KYCELNM1.FY OSRAM-KYCELNM1.FY Datasheet
779Kb / 23P
OSLON Compact PL
SFH-4710 OSRAM-SFH-4710 Datasheet
192Kb / 12P
OSLON Compact
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
logo
Lapp.
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61803816 LAPP-61803816 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com