Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8S58035I Datasheet (PDF) - Renesas Technology Corp

8S58035I Datasheet PDF - Renesas Technology Corp
Part # 8S58035I
Download  8S58035I Download
File Size   623.76 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 2:1 LVPECL MUX with 1:6 Fanout and Internal Termination

8S58035I Datasheet (PDF)

Go To PDF Page Download Datasheet
8S58035I Datasheet PDF - Renesas Technology Corp

Part # 8S58035I
Download  8S58035I Click to download

File Size   623.76 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 2:1 LVPECL MUX with 1:6 Fanout and Internal Termination

8S58035I Datasheet (HTML) - Renesas Technology Corp


8S58035I Product details

• Six LVPECL outputs
• INx, nINx inputs can accept the following differential input levels:
LVPECL, LVDS, CML
• 50 internal input termination to VT
• Two selectable differential input pairs
• Maximum output frequency: 3.2GHz
• Output Skew: 45ps (maximum)
• Part-to-Part Skew: 200ps (maximum)
• Additive phase jitter, RMS: 47fs (typical),
(fREF = 622.08MHz, 12kHz - 20MHz, VCC = 3.3V)
• Propagation Delay: 580ps (maximum)
• LVPECL mode operating voltage supply range:
VCC = 2.5V±5%, 3.3V±10%, VEE = 0V
• -40°C to 85°C ambient operating temperature




Similar Part No. - 8S58035I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S58035I IDT-8S58035I Datasheet
463Kb / 21P
Low Skew, 2:1 LVPECL MUX with Fanout and Internal Termination
logo
Renesas Technology Corp
8S58035I RENESAS-8S58035I Datasheet
656Kb / 22P
Low Skew, 2:1 LVPECL MUX with 1:6 Fanout and Internal Termination
February 5, 2016
More results


Similar Description - 8S58035I

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY89856U MICREL-SY89856U Datasheet
366Kb / 11P
2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
logo
Integrated Device Techn...
8S58035I IDT-8S58035I Datasheet
463Kb / 21P
Low Skew, 2:1 LVPECL MUX with Fanout and Internal Termination
8S89200 IDT-8S89200 Datasheet
428Kb / 20P
Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
8S89202 IDT-8S89202 Datasheet
430Kb / 23P
Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
logo
Renesas Technology Corp
8S89200 RENESAS-8S89200 Datasheet
656Kb / 21P
Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
February 8, 2016
8S89202 RENESAS-8S89202 Datasheet
625Kb / 24P
Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
2019
8S58035I RENESAS-8S58035I Datasheet
656Kb / 22P
Low Skew, 2:1 LVPECL MUX with 1:6 Fanout and Internal Termination
February 5, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com