Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V41NS0412 Datasheet (PDF) - Renesas Technology Corp

8V41NS0412 Datasheet PDF - Renesas Technology Corp
Part # 8V41NS0412
Download  8V41NS0412 Download
File Size   1811.6 Kbytes
Page   49 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Ultra Low Jitter HCSL Clock Generator

8V41NS0412 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V41NS0412 Datasheet PDF - Renesas Technology Corp

Part # 8V41NS0412
Download  8V41NS0412 Click to download

File Size   1811.6 Kbytes
Page   49 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Ultra Low Jitter HCSL Clock Generator

8V41NS0412 Datasheet (HTML) - Renesas Technology Corp


8V41NS0412 Product details

▪ Eleven differential HCSL outputs
▪ One LVCMOS output; input reference can be bypassed to this output
▪ The clock input operates in full differential mode (LVDS,
LVPECL) or single-ended LVCMOS mode
▪ Driven from a crystal or differential clock input
▪ A 2.42.5GHz PLL frequency range supports Ethernet,
SONET, and CPRI frequency plans
▪ 1.25GHz maximum output frequency
▪ Four integer output dividers with a range of output divide ratios (see Table 5)
▪ One fractional output divider can generate any desired output frequency
▪ Support of output power-down
▪ Excellent clock output phase noise
Offset Output Frequency Single-side Band Phase Noise
100kHz 156.25MHz -143dBc/Hz
▪ Phase noise RMS, 156.25MHz, 12kHz to 20MHz integration
range: 80fs (typical)
▪ Selected configurations can be controlled via the use of control
input pins without need for serial port access
▪ LVCMOS compatible I2C serial interface gives access to
additional configurations by external processor or in
combination with the control input pins
▪ Single 3.3V supply voltage
▪ Lead-free (RoHS 6) 64-VFQFN packaging
▪ -40°C to 85°C ambient operating temperature




Similar Part No. - 8V41NS0412

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V41NS0412 IDT-8V41NS0412 Datasheet
1Mb / 51P
NG Ultra Low Jitter HCSL Clock Generator
logo
Renesas Technology Corp
8V41NS0412 RENESAS-8V41NS0412 Datasheet
1Mb / 49P
FemtoClock® NG Ultra Low Jitter HCSL Clock Generator
August 27, 2020
logo
Integrated Device Techn...
8V41NS0412NLGI IDT-8V41NS0412NLGI Datasheet
1Mb / 51P
NG Ultra Low Jitter HCSL Clock Generator
8V41NS0412NLGI8 IDT-8V41NS0412NLGI8 Datasheet
1Mb / 51P
NG Ultra Low Jitter HCSL Clock Generator
More results


Similar Description - 8V41NS0412

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V41NS0412 IDT-8V41NS0412 Datasheet
1Mb / 51P
NG Ultra Low Jitter HCSL Clock Generator
841602 IDT-841602 Datasheet
418Kb / 17P
FemtoClock NG Crystal-to-HCSL Clock Generator
841604 IDT-841604 Datasheet
414Kb / 17P
FemtoClock NG Crystal-to-HCSL Clock Generator
841654 IDT-841654 Datasheet
293Kb / 18P
FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
8T49N240 RENESAS-8T49N240 Datasheet
2Mb / 76P
FemtoClock® NG Ultra-Performance Jitter Attenuator
January 15, 2019
8V41NS0412 RENESAS-8V41NS0412 Datasheet
1Mb / 49P
FemtoClock® NG Ultra Low Jitter HCSL Clock Generator
August 27, 2020
841604 RENESAS-841604 Datasheet
612Kb / 18P
FemtoClock® NG Crystal-to-HCSL Clock Generator
4/17/15
IDT8V41N004I RENESAS-IDT8V41N004I Datasheet
1Mb / 27P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
841602 RENESAS-841602 Datasheet
694Kb / 18P
FemtoClock NG Crystal-to-HCSL Clock Generator
2019
841654 RENESAS-841654 Datasheet
492Kb / 19P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com