Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2000 Datasheet (PDF) - TOKYO KEISO CO.,LTD.

RF2000 Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # RF2000
Download  RF2000 Download
File Size   251.34 Kbytes
Page   4 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description Radiator air fl ow measurement system

RF2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2000 Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # RF2000
Download  RF2000 Click to download

File Size   251.34 Kbytes
Page   4 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description Radiator air fl ow measurement system

RF2000 Datasheet (HTML) - TOKYO KEISO CO.,LTD.


RF2000 Product details

FEATURES
❑ Compact sensors
A thin and light-weight sensor with thickness of only 10 mm
can be installed at a narrow space such as between a radiator
and condenser.
❑ Accurate directional measurement
The propeller sensor with its axis aligned parallel to the air flow
direction, allows accurate measurement of the flow velocity
along the perpendicular to the radiator, neglecting the flow from
the other directions. Other types of sensor such as thermal type
or pressure type tends to measure flow from all other directions.
❑ Low pressure loss
The pressure loss caused by the propeller is approximately 0.1
kPa (at the velocity of 20 m/s). This is very small when compared
to the pressure loss of the radiator.
❑ Connected to electric cables
Electric cables used to connect the propeller sensors and
converter are flexible, resistant to low temperatures, and are
easier to handle compared to optical fiber cables.
❑ More channels
One unit of the RR5000D/RR5100D is capable of measuring 16
channels.
❑ RS-485
Four converters connected in a daisy chain can simultaneously
collect data from up to 64 channels. The settings of the converters
can be changed from a PC.
❑ CAN communication
Four converters connected in a daisy chain can simultaneously
collect data from up to 64 channels. The communication data are
transformed to air flow velocity values based on the DBC file.




Similar Part No. - RF2000

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
RF200 WILLOW-RF200 Datasheet
868Kb / 2P
Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
Mersen
RF200/RL200 MERSEN-RF200/RL200 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
REYCONNS CHINA LIMITED
RF2001 REYCONNS-RF2001 Datasheet
248Kb / 5P
SAW Filter
logo
Rohm
RF2001 ROHM-RF2001 Datasheet
47Kb / 3P
Fast recovery Diodes (Silicon Epitaxial Planar)
logo
Adam Technologies, Inc.
RF2001D0050 ADAM-TECH-RF2001D0050 Datasheet
154Kb / 1P
RF CONNECTORS
More results


Similar Description - RF2000

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6049B TEMIC-U6049B Datasheet
119Kb / 8P
Radiator Fan Controlled Timer
U6044B TEMIC-U6044B Datasheet
109Kb / 7P
Radiator fan controlled timer
logo
Agilent(Hewlett-Packard...
N4371A HP-N4371A Datasheet
256Kb / 4P
RIN Measurement System
logo
AZ Displays
ATM0280B43 AZDISPLAYS-ATM0280B43 Datasheet
442Kb / 16P
Definition of optical measurement system
ATM0430D12F-CT AZDISPLAYS-ATM0430D12F-CT Datasheet
422Kb / 19P
Definition of optical measurement system
logo
Texas Instruments
LM25056 TI1-LM25056_16 Datasheet
934Kb / 39P
System Power Measurement IC
LM25056A TI1-LM25056A_16 Datasheet
934Kb / 39P
System Power Measurement IC
logo
Linear Technology
LTC2984 LINER-LTC2984 Datasheet
3Mb / 22P
Digital Temperature Measurement System
LTC2986-1 LINER-LTC2986-1 Datasheet
2Mb / 22P
Digital Temperature Measurement System
logo
IET Labs Inc.
1620 IET-1620 Datasheet
240Kb / 4P
Precision Capacitance Measurement System
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com