Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2000 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # RF2000
Description  Radiator air fl ow measurement system
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

RF2000 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  RF2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. RF2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. RF2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. RF2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL CODE
Converter for radiator air flow measurement system using infrared sensors
RR
□□□□□
Contents
5000D
A maximum of 16 pieces of propeller sensors can be connected per unit. Used in conjunction with RS-1050-IR/RS-
1038-IR.
5100D
A maximum of 16 pieces of propeller sensors can be connected per unit. Connected to sensors via connectors with
locks. Used in conjunction with RS-1150-IR/RS-1138-IR.
Propeller sensor with an infrared sensor
RS
‒ □□□□ ‒ □□
Contents
1050-IR
Propeller diameter: 50 mm. Air flow velocity: 0.4 to 30 m/s. Used in conjunction with RR5000D.
1150-IR
Propeller diameter: 50 mm. Air flow velocity: 0.4 to 30 m/s. Connected to converter via connectors with locks. Used
in conjunction with RR5100D.
1038-IR
Propeller diameter: 30 mm. Air flow velocity: 0.5 to 30 m/s. Used in conjunction with RR5000D.
1138-IR
Propeller diameter: 30 mm. Air flow velocity: 0.5 to 30 m/s. Connected to converter via connectors with locks. Used
in conjunction with RR5100D.
Communication and data processing software“TIC Wind-LV”
RW
□□□□
Contents
2000
Software dedicated for the RF2000 to collect the air flow velocity data at each channel.
SYSTEM CONFIGURATION
Installed PC
RW2000
A maximum of 16 propeller sensors
can be connected to a converter.
The 6 m cable each is provided for
connection between the propeller
sensor and converter.
A maximum of 64 channels can be
communicated by connecting up
to four converters in a daisy chain
formation.
① Power cable
② Analog output cable
③ RS-485 communication cable
④ CAN communication cable
RR5000D/
RR5100D
Converter for
anemometers
for radiators
RS-1050-IR/
RS-1150-IR/
RS-1038-IR/
RS-1138-IR
Infrared type
propeller sensor
RS-1050-IR/
RS-1038-IR
Propeller sensor
RS-1150-IR/
RS-1138-IR
Propeller sensor
(Connector with lock)
RR5000D
Converter
RR5100D
Converter
(Connector with lock)
Used in conjunction with RR5000D and RS-1050-IR/RS-1038-IR.
Used in conjunction with RR5100D and RS-1150-IR/RS-1138-IR.
①②
③
④
④
③
①②
①②
①②
④
③
④
③
Note : When installing the propeller sensors, do not expose the infrared sensors to the direct sunshine. Select a right place to install considering the
direction of them. The infrared sensors may be adversely affected by the direct sunshine in principle.
TG-F1123-E04
RF2000 Radiator air flow measurement system with RR5000D/RR5100D converter
2
TOKYO KEISO CO., LTD.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com