Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2000 Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # RF2000
Description  Radiator air fl ow measurement system
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

RF2000 Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  RF2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. RF2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. RF2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. RF2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OUTLINE
RF2000 is a system that measures the air flow velocity to the engine
radiator. The rotation frequency of a propeller sensor is measured
by an infrared sensor attached to the propeller sensor. The signal
from the infrared sensor is transmitted via an electrical cable to
a converter for measuring the radiator air flow velocity and then
converted to air flow velocity. A single conver ter can measure
air flow velocity at 16 channels. The converter is also equipped
with functions for displaying the air flow velocity and frequency,
outputting an analog voltage, and performing RS-485 and CAN
communication.
For RS-485 communication, up to four converters can be connected
to enable simultaneous data collection on a ma ximum of 64
channels. Furthermore, the dedicated measurement software TIC
Wind-LV can be used to set the measurement interval and number
of measurements, to collect air flow velocity data, and to output an
average value for the air flow velocity. Converter settings can be
changed from a computer.
For CAN communication, up to four converters can be connected to
enable collection of air flow velocity data. Also, driving tests can be
performed by mounting the entire system in a vehicle.
FEATURES
❑ Compact sensors
A thin and light-weight sensor with thickness of only 10 mm
can be installed at a narrow space such as between a radiator
and condenser.
❑ Accurate directional measurement
The propeller sensor with its axis aligned parallel to the air flow
direction, allows accurate measurement of the flow velocity
along the perpendicular to the radiator, neglecting the flow from
the other directions. Other types of sensor such as thermal type
or pressure type tends to measure flow from all other directions.
❑ Low pressure loss
The pressure loss caused by the propeller is approximately 0.1
kPa (at the velocity of 20 m/s). This is very small when compared
to the pressure loss of the radiator.
❑ Connected to electric cables
Electric cables used to connect the propeller sensors and
converter are flexible, resistant to low temperatures, and are
easier to handle compared to optical fiber cables.
❑ More channels
One unit of the RR5000D/RR5100D is capable of measuring 16
channels.
❑ RS-485
Four converters connected in a daisy chain can simultaneously
collect data from up to 64 channels. The settings of the converters
can be changed from a PC.
❑ CAN communication
Four converters connected in a daisy chain can simultaneously
collect data from up to 64 channels. The communication data are
transformed to air flow velocity values based on the DBC file.
Radiator air flow measurement system
RF2000
RR5000D/RR5100D Converter for Infra-
red Sensors
RF2000 SYSTEM SPECIFICATIONS
(1) Converter
RR5000D/RR5100D converter for infrared sensors
Power supply 12 to 24 V DC
±10%
Display
2 lines in a LCD
Measuring channel, air flow velocity and frequency
Operation
key
CH UP, CH DOWN, SHIFT, INC., ENT., and MOVE total 6
Setting
function
Low level cut-off, Moving average, Air-flow conversion
factors, Full scale air flow velocity, Linearize setting, Start
channel setting,End channel setting,Display update cycle,
RS-485 communication unit address/ID address, CAN
communication speed
Analog
output
0 to 5 VDC, 16 channels
Load resistance 100 k
Ω or more
Accuracy
Frequency conversion accuracy:
± 1 Hz
Analog output accuracy:
±0.6% of the reading ±0.01V
(Based on display value)
Communi-
cation
RS-485 and CAN communication functions
Temperature
range
5 to 60°C
(2) Vane anemometer (propeller sensor)
RS-1050-IR/RS-1150-IR infrared sensor
Form
Dimension : Approx. 69 mm including lugs for installation,
Five vanes
Cable length : 6 m
Measuring
range
0.4 to 30 m/s
Accuracy
±(1% of reading + 0.05 m/s) at the range of 0.4 to 20 m/s
Temperature
range
-40 to 120°C Without condensation of moisture or freezing
(Maximum continuous operating temperature is 100°C)
RS-1038-IR/RS-1138-IR infrared sensor
Form
Dimension : Approx. 42 mm including lugs for installation,
Five vanes
Cable length : 6 m
Measuring
range
0.5 to 30 m/s
Accuracy
±(1.5% of reading + 0.05 m/s) at the range of 0.5 to 20 m/s
Temperature
range
-40 to 120°C Without condensation of moisture or freezing
(Maximum continuous operating temperature is 100°C)
(3) Communication and data processing software “TIC Wind-LV”
RW2000 (Dedicated for the RF2000)
System
requirement
Windows 7 SP1 or later operation systems
Communi-
cation
RS-485
Function
The air flow data for each channel is collected.
Data are measured multiple times (1 to 99999 times) at a
fixed time interval (1 to 9999 seconds) and recorded in a
CSV file. Parameter settings in the converter are changed.
TG-F1123-E04
5th edition Nov 2020 K
1st edition Jul 2015 K


Similar Part No. - RF2000

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
RF200 WILLOW-RF200 Datasheet
868Kb / 2P
Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
Mersen
RF200/RL200 MERSEN-RF200/RL200 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
REYCONNS CHINA LIMITED
RF2001 REYCONNS-RF2001 Datasheet
248Kb / 5P
SAW Filter
logo
Rohm
RF2001 ROHM-RF2001 Datasheet
47Kb / 3P
Fast recovery Diodes (Silicon Epitaxial Planar)
logo
Adam Technologies, Inc.
RF2001D0050 ADAM-TECH-RF2001D0050 Datasheet
154Kb / 1P
RF CONNECTORS
More results

Similar Description - RF2000

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6049B TEMIC-U6049B Datasheet
119Kb / 8P
Radiator Fan Controlled Timer
U6044B TEMIC-U6044B Datasheet
109Kb / 7P
Radiator fan controlled timer
logo
Agilent(Hewlett-Packard...
N4371A HP-N4371A Datasheet
256Kb / 4P
RIN Measurement System
logo
AZ Displays
ATM0280B43 AZDISPLAYS-ATM0280B43 Datasheet
442Kb / 16P
Definition of optical measurement system
ATM0430D12F-CT AZDISPLAYS-ATM0430D12F-CT Datasheet
422Kb / 19P
Definition of optical measurement system
logo
Texas Instruments
LM25056 TI1-LM25056_16 Datasheet
934Kb / 39P
System Power Measurement IC
LM25056A TI1-LM25056A_16 Datasheet
934Kb / 39P
System Power Measurement IC
logo
Linear Technology
LTC2984 LINER-LTC2984 Datasheet
3Mb / 22P
Digital Temperature Measurement System
LTC2986-1 LINER-LTC2986-1 Datasheet
2Mb / 22P
Digital Temperature Measurement System
logo
IET Labs Inc.
1620 IET-1620 Datasheet
240Kb / 4P
Precision Capacitance Measurement System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com