Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-3003 Datasheet (PDF) - TOKYO KEISO CO.,LTD.

RC-3003 Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # RC-3003
Download  RC-3003 Download
File Size   133.55 Kbytes
Page   4 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description Radiator air flow measurement system

RC-3003 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC-3003 Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # RC-3003
Download  RC-3003 Click to download

File Size   133.55 Kbytes
Page   4 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description Radiator air flow measurement system

RC-3003 Datasheet (HTML) - TOKYO KEISO CO.,LTD.


RC-3003 Product details

FEATURES
❏ Compact sensors
The thin sensors with thickness of only 10mm can be
installed at a tight space such as between a radiator and
condenser.
❏ Accurate directional measurement
The vane wheel of the meter, its axis aligned parallel to the
air flow direction, allows accurate measurement of the flow
along the perpendicular to the radiator, neglecting the flow
from the other directions. On the other hand, other types of
sensor such as thermal type or pressure type tend to
measure flow from all other directions.
❏ Low pressure loss
The pressure loss across the vane wheel is about 0.1kPa at
the velocity of 20m/s. This value is very low compared to the
pressure loss across the radiator itself.
❏ Resistant to measuring noise
The optical sensing system, by detecting optically the
number of rotations of the vane wheel, is not influenced by
the electromagnetic noises.
❏ Reverse flow measurement
Not only the air flow from the front of the vane wheel but the
air flow from the back can be measured.
❏ Communication function
The RS232 converter can collect 64 channel data with
RS-232C communication protocol.




Similar Part No. - RC-3003

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
RC-3 TRIAD-RC-3 Datasheet
38Kb / 1P
RC-3
logo
List of Unclassifed Man...
RC-3M ETC2-RC-3M Datasheet
142Kb / 2P
Metal Enclosures
logo
Multicomp Pro
RC-3M MULTICOMP-RC-3M Datasheet
261Kb / 2P
Metal Enclosure
22/08/22 V1.0
logo
Mini-Circuits
RC-3MTS-18 MINI-RC-3MTS-18 Datasheet
1Mb / 11P
RF Transfer Switch Matrix
RC-3MTS-50 MINI-RC-3MTS-50 Datasheet
852Kb / 7P
Millimeter Wave Switch Matrix
REV. A
More results


Similar Description - RC-3003

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4371A HP-N4371A Datasheet
256Kb / 4P
RIN Measurement System
logo
Festo Corporation.
8058463 FESTO-8058463 Datasheet
102Kb / 3P
Air flow sensor
8058470 FESTO-8058470 Datasheet
105Kb / 3P
Air flow sensor
SFAB-50U-WQ6-2SA-M12 FESTO-SFAB-50U-WQ6-2SA-M12 Datasheet
81Kb / 2P
Air flow sensor
SFAB-200U-HQ8-2SV-M12 FESTO-SFAB-200U-HQ8-2SV-M12 Datasheet
79Kb / 2P
Air flow sensor
SFAB-200U-WQ8-2SV-M12 FESTO-SFAB-200U-WQ8-2SV-M12 Datasheet
80Kb / 2P
Air flow sensor
SFAH-5U-Q6S-PNLK-PNVBA-M8 FESTO-SFAH-5U-Q6S-PNLK-PNVBA-M8 Datasheet
105Kb / 3P
Air flow sensor
8058471 FESTO-8058471 Datasheet
102Kb / 3P
Air flow sensor
565375 FESTO-565375 Datasheet
82Kb / 2P
Air flow sensor
SFAM-90-10000L-M-2SV-M12 FESTO-SFAM-90-10000L-M-2SV-M12 Datasheet
78Kb / 2P
Air flow sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com