Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-3003 Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # RC-3003
Description  Radiator air flow measurement system
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

RC-3003 Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  RC-3003 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. RC-3003 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. RC-3003 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. RC-3003 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF-1000
Radiator air flow measurement
system
RR-5000B Converter
OUTLINE
RF-1000 is the measurement system of the air flow going to an
engine radiator.
The rotation frequency of vane anemometer (vane wheel sensor)
is detected by an optical sensing system, and is converted into
an air flow with the converter for radiator anemometers.
The converter is equipped with those functions as the air flow
and frequency spectrum designation, the analog voltage output,
and the communication function (with RS232 converter +
“Wind1” software). And the air-flow data of a maximum of 64
channels can be collected with a personal computer by
connecting two or more air flow converters to a RS232
converter.
The versatile functions are realized by the dedicated
communication software “Wind1”. Those are average calculation
of air velocity, calculation of flow volume, setup functions of
measurement times, measurement interval and data recording.
Actual driving test can be conducted if whole system is loaded in
vehicle.
FEATURES
❏ Compact sensors
The thin sensors with thickness of only 10mm can be
installed at a tight space such as between a radiator and
condenser.
❏ Accurate directional measurement
The vane wheel of the meter, its axis aligned parallel to the
air flow direction, allows accurate measurement of the flow
along the perpendicular to the radiator, neglecting the flow
from the other directions. On the other hand, other types of
sensor such as thermal type or pressure type tend to
measure flow from all other directions.
❏ Low pressure loss
The pressure loss across the vane wheel is about 0.1kPa at
the velocity of 20m/s. This value is very low compared to the
pressure loss across the radiator itself.
❏ Resistant to measuring noise
The optical sensing system, by detecting optically the
number of rotations of the vane wheel, is not influenced by
the electromagnetic noises.
❏ Reverse flow measurement
Not only the air flow from the front of the vane wheel but the
air flow from the back can be measured.
❏ Communication function
The RS232 converter can collect 64 channel data with
RS-232C communication protocol.
RF-1000 SYSTEM SPECIFICATIONS
The converter for radiator anemometers
1) RR-5000B
Power supply
DC12V ± 10%, Approx. 6VA
Display
Channel display: 7seg LED, 2digits
Air flow and frequency display: 7seg LED,
5digits
Indicator: 2
Operation key
ChUp, ChDown, Shift, Inc, Ent, and Move
Setting function
Low level cut-off, Moving average, Air-flow
conversion factor, Full scale air flow, Start
channel setting, End channel setting,
Renewal cycle of indication, Instrument
address, Selection of transmission, Voltage
adjustment of analog output
Analog output
DC-5 to 5V, 8ch (Negative voltage is
outputted at the reverse flow.)
Accuracy
Frequency conversion accuracy: ±1Hz
Analog output accuracy: ±0.6% of rdg
±0.01V (Based on display value)
Communication
system
RS-485 commun
Accessories
Power cable: 1 pc., 3m
Analog output cable: 1 pc., 2.5m
Cable for RS-485: 1 pc., 5m
ication (with RS232
converter + “Wind1” software)
Vane anemometer (Vane wheel sensor)
1) RS-1050
Form
Dimension: Approx. 64mm (Projection portion
included), Five vanes
Measuring
range
0.4 to 30m/s
Accuracy
±1% of rdg + 0.05m/s (at the range of 0.4 to
20m/s)
Temperature
range
0 to 120°C (Maximum continuous operating
temperature is 100°C)
2) RS-1038
Form
Dimension: Approx. 40mm (Projection portion
included), Eight vanes
Measuring
range
0.5 to 30m/s
Accuracy
±1.5% of rdg+0.05m/s (at the range of 0.5 to
20m/s)
Temperature
range
0 to 120°C (Maximum continuous operating
temperature is 100°C)
Number of mea-
suring channel
8ch
TG-ES847-4E
May 2017
Jun 2007
5th edition
1st edition
K
K


Similar Part No. - RC-3003

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
RC-3 TRIAD-RC-3 Datasheet
38Kb / 1P
RC-3
logo
List of Unclassifed Man...
RC-3M ETC2-RC-3M Datasheet
142Kb / 2P
Metal Enclosures
logo
Multicomp Pro
RC-3M MULTICOMP-RC-3M Datasheet
261Kb / 2P
Metal Enclosure
22/08/22 V1.0
logo
Mini-Circuits
RC-3MTS-18 MINI-RC-3MTS-18 Datasheet
1Mb / 11P
RF Transfer Switch Matrix
RC-3MTS-50 MINI-RC-3MTS-50 Datasheet
852Kb / 7P
Millimeter Wave Switch Matrix
REV. A
More results

Similar Description - RC-3003

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4371A HP-N4371A Datasheet
256Kb / 4P
RIN Measurement System
logo
Festo Corporation.
8058463 FESTO-8058463 Datasheet
102Kb / 3P
Air flow sensor
8058470 FESTO-8058470 Datasheet
105Kb / 3P
Air flow sensor
SFAB-50U-WQ6-2SA-M12 FESTO-SFAB-50U-WQ6-2SA-M12 Datasheet
81Kb / 2P
Air flow sensor
SFAB-200U-HQ8-2SV-M12 FESTO-SFAB-200U-HQ8-2SV-M12 Datasheet
79Kb / 2P
Air flow sensor
SFAB-200U-WQ8-2SV-M12 FESTO-SFAB-200U-WQ8-2SV-M12 Datasheet
80Kb / 2P
Air flow sensor
SFAH-5U-Q6S-PNLK-PNVBA-M8 FESTO-SFAH-5U-Q6S-PNLK-PNVBA-M8 Datasheet
105Kb / 3P
Air flow sensor
8058471 FESTO-8058471 Datasheet
102Kb / 3P
Air flow sensor
565375 FESTO-565375 Datasheet
82Kb / 2P
Air flow sensor
SFAM-90-10000L-M-2SV-M12 FESTO-SFAM-90-10000L-M-2SV-M12 Datasheet
78Kb / 2P
Air flow sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com