Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-3003 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # RC-3003
Description  Radiator air flow measurement system
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

RC-3003 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  RC-3003 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. RC-3003 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. RC-3003 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. RC-3003 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RF-1000 Radiator air flow measurement system / RR-5000B Converter
T
2
TG-ES847-4E
OKYO KEISO CO., LTD.
• Fiber optic cable
1) RC-3000
Size
Length: 6m is the standard length. Between
the length of 3 to 10m cable is delivered
rounding off the number to the nearest
integer at your request.
• RS232 Converter
1) RU-1000
Power supply
DC12V ± 10%, Approx.1VA
Connection
Accessories
Between PC and
Power supply: 1 pc., 3m
Cable for RS-232: 1 pc., 5m
RU-1000: RS-232C
connection
Between RU-1000 and RR-5000: RS-485
connection
8 sets of RR-5000B can connect to RU-1000.
• Data collection software “Wind1”
1) RW-1000
Hardware
requirement
Windows98/2000/XP/7
More than Hardware requirement that each
OS recommends
Communication RS-232C
Function
The air flow data for each channel is
collected.
Data is measured one or more times (1 to
999) at a fixed interval (1 to 99 seconds),
and the calculated data of air flow volume
and average air flow are recorded on a
CSV file.
MODEL CODE
• Converter for radiator anemometer
RR
-
□□□□□
Contents
5000B
When using reverse detection function: Max 8 pcs. of propeller sensor and max 16 pcs. of optical cable
per unit are to be connected
• Vane wheel sensors
RS
-
□ □ □ □
Contents
1050
ϕ 50 Dimension: Approx. 64mm (Projection portion included), 0.4 to 30m/s
1038
ϕ 30 Dimension: Approx. 40mm (Projection portion included), 0.5 to 30m/s
• Fiber optic cable
RC
-
□ □
□ □
Contents
03
30
10
Core diameter:
ϕ 0.3mm,outer diameter: ϕ 2.0mm
6m is the standard length. Between the length of 3 to 10m cable is delivered rounding off the number to
the nearest integer at your request.
• RS232 converter
(Optional items necessary when signal transmission via communication required as data acquisition system)
RU
-
□ □ □ □
Contents
1000
64 channels, 8 sets of RR-5000B can connect to RU-1000.
• Radiator air flow data collection system
(Optional items necessary when signal transmission via communication is required as data acquisition system)
RW
-
□ □ □ □
Contents
1000
Collection software of air flow data
Core diameter:
ϕ 0.3mm,
outer diameter:
ϕ 2.0mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com