Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC08 Datasheet (PDF) - Microchip Technology

24FC08 Datasheet PDF - Microchip Technology
Part # 24FC08
Download  24FC08 Download
File Size   934.39 Kbytes
Page   49 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8K I2C Serial EEPROM

24FC08 Datasheet (PDF)

Go To PDF Page Download Datasheet
24FC08 Datasheet PDF - Microchip Technology

Part # 24FC08
Download  24FC08 Click to download

File Size   934.39 Kbytes
Page   49 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8K I2C Serial EEPROM

24FC08 Datasheet (HTML) - Microchip Technology


24FC08 Product details

Features
• Single Supply with Operation down to 1.7V for
24AA08 and 24FC08 Devices, 2.5V for 24LC08B
Devices
• Low-Power CMOS Technology:
- Read current 1 mA, maximum
- Standby current 1 μA, maximum (I-temp.)
• Two-Wire Serial Interface, I2C Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz, 400 kHz and 1 MHz Compatibility
• Page Write Time: 5 ms, Maximum
• Self-Timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection >4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 Years
• Factory Programming Available
• RoHS Compliant
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
- Extended (E): -40°C to +125°C
• Automotive AEC-Q100 Qualified

Description
The Microchip Technology Inc. 24XX08(1) is an 8-Kbit
Electrically Erasable PROM (EEPROM). The device is
organized as four blocks of 256 x 8-bit memory with a
two-wire serial interface. Its low-voltage design permits
operation down to 1.7V with standby and active
currents of only 1 μA and 1 mA, respectively. The
24XX08 also has a page write capability for up to
16 bytes of data.




Similar Part No. - 24FC08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24FC1025 MICROCHIP-24FC1025 Datasheet
365Kb / 24P
1024K I2C??CMOS Serial EEPROM
2008
24FC1025 MICROCHIP-24FC1025 Datasheet
304Kb / 26P
1024K I2C??CMOS Serial EEPROM
2010
24FC1025 MICROCHIP-24FC1025 Datasheet
447Kb / 28P
1024K I2C??CMOS Serial EEPROM
2011
24FC1025 MICROCHIP-24FC1025 Datasheet
447Kb / 28P
1024K I2C??Serial EEPROM
11/29/11
24FC1025 MICROCHIP-24FC1025 Datasheet
447Kb / 28P
1024K I2C Serial EEPROM
11/29/11
More results


Similar Description - 24FC08

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
24LC08 CERAMATE-24LC08 Datasheet
397Kb / 23P
8K-Bit Serial EEPROM
logo
Microchip Technology
24AA08H MICROCHIP-24AA08H Datasheet
777Kb / 28P
8K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA08 MICROCHIP-24AA08_09 Datasheet
553Kb / 30P
8K I2C??Serial EEPROM
2009
24LC08BISN MICROCHIP-24LC08BISN Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012
24LC08BIST MICROCHIP-24LC08BIST Datasheet
553Kb / 30P
8K I2C Serial EEPROM
2009
24AA08-IP MICROCHIP-24AA08-IP Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012 11/29/11
24LC08BT-IOT MICROCHIP-24LC08BT-IOT Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
11/29/11
24AA08 MICROCHIP-24AA08 Datasheet
864Kb / 30P
8K I2C Serial EEPROM
01/02/08
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com