Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC08 Datasheet(PDF) 9 Page - Microchip Technology

Part # 24FC08
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC08 Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24FC08 Datasheet HTML 5Page - Microchip Technology 24FC08 Datasheet HTML 6Page - Microchip Technology 24FC08 Datasheet HTML 7Page - Microchip Technology 24FC08 Datasheet HTML 8Page - Microchip Technology 24FC08 Datasheet HTML 9Page - Microchip Technology 24FC08 Datasheet HTML 10Page - Microchip Technology 24FC08 Datasheet HTML 11Page - Microchip Technology 24FC08 Datasheet HTML 12Page - Microchip Technology 24FC08 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
 2002-2021 Microchip Technology Inc.
DS20001710N-page 9
24AA08/24LC08B/24FC08
5.0
DEVICE ADDRESSING
A control byte is the first byte received following the
Start condition from the host device. The control byte
consists of a four-bit control code. For the 24XX08, this
is set as ‘
1010’ binary for read and write operations.
The next bit of the control byte is a “don’t care” for the
24XX08. The last two bits, B1 and B0, are used by the
host device to select which of the four 256-word blocks
of memory are to be accessed. These bits, in effect, are
the Most Significant bits of the word address. The
combination of the 4-bit control code and the next three
bits are called the client address.
The last bit of the control byte is the Read/Write (R/W)
bit and it defines the operation to be performed. When
set to ‘
1’, a read operation is selected. When set to ‘0’,
a write operation is selected. Following the Start
condition, the 24XX08 monitors the SDA bus, checking
the device type identifier being transmitted. Upon
receiving a valid client address and the R/W bit, the
client device outputs an Acknowledge signal on the
SDA line. Depending on the state of the R/W bit, the
24XX08 will select a read or write operation.
The next byte received defines the address of the first
data byte within the selected block (Figure 5-2). The
word address byte uses all eight bits.
FIGURE 5-1:
CONTROL BYTE
ALLOCATION
FIGURE 5-2:
ADDRESS SEQUENCE BIT ASSIGNMENTS
Operation
Control
Code
Block Select
R/W
Read
1010
Block Address
1
Write
1010
Block Address
0
10
1
0
x
B1 B0 R/W ACK
Start Bit
Read/Write Bit
x = “don’t care”
S
Client Address
Acknowledge Bit
Control Code
Block
Select
Bits
1
010
x B1
R/W
••
•
•
•
Control Byte
Word Address Byte
Control
Code
Block
Select
Bits
x = “don’t care”
B0
A7
•
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com