Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC08 Datasheet(PDF) 20 Page - Microchip Technology

Part # 24FC08
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC08 Datasheet(HTML) 20 Page - Microchip Technology

Back Button 24FC08 Datasheet HTML 16Page - Microchip Technology 24FC08 Datasheet HTML 17Page - Microchip Technology 24FC08 Datasheet HTML 18Page - Microchip Technology 24FC08 Datasheet HTML 19Page - Microchip Technology 24FC08 Datasheet HTML 20Page - Microchip Technology 24FC08 Datasheet HTML 21Page - Microchip Technology 24FC08 Datasheet HTML 22Page - Microchip Technology 24FC08 Datasheet HTML 23Page - Microchip Technology 24FC08 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
24AA08/24LC08B/24FC08
DS20001710N-page 20
 2002-2021 Microchip Technology Inc.
5(&200(1'(' /$1' 3$77(51
'LPHQVLRQ /LPLWV
8QLWV
2SWLRQDO &HQWHU 3DG :LGWK
2SWLRQDO &HQWHU 3DG/HQJWK
&RQWDFW3LWFK
<
;


0,//,0(7(56
 %6&
0,1
(
0$;
&RQWDFW3DG/HQJWK ;
&RQWDFW3DG:LGWK ;
<
;


0LFURFKLS 7HFKQRORJ\ 'UDZLQJ&5HY(
120
/HDG3ODVWLF'XDO)ODW1R/HDG3DFNDJH 0& [[PP%RG\>')1@
6,/. 6&5((1


&
(
;
<
*
<
;
&
&RQWDFW3DG6SDFLQJ

&RQWDFW3DGWR&HQWHU 3DG ;
*

7KHUPDO 9LD 'LDPHWHU
9
7KHUPDO 9LD 3LWFK
(9


‘9
(9
(9
%6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXWWROHUDQFHV
1RWHV
'LPHQVLRQLQJDQGWROHUDQFLQJ SHU $60( <0
)RUEHVWVROGHULQJUHVXOWVWKHUPDO YLDVLIXVHGVKRXOGEHILOOHGRUWHQWHG WR DYRLG VROGHU ORVV GXULQJ
UHIORZ SURFHVV


)RU WKHPRVWFXUUHQWSDFNDJHGUDZLQJVSOHDVHVHH WKH0LFURFKLS3DFNDJLQJ6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
1RWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com