Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW1002 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW1002 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW1002
Download  FMSW1002 Download
File Size   566.06 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description A/B Coaxial DC to 1,000 MHz Electro- Mechanical Relay Switch, 5W, 12V, N

FMSW1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW1002 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW1002
Download  FMSW1002 Click to download

File Size   566.06 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description A/B Coaxial DC to 1,000 MHz Electro- Mechanical Relay Switch, 5W, 12V, N

FMSW1002 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW1002 Product details

Features
• A/B Coaxial Relay Switch
• DC to 1 GHz
• Insertion Loss 0.7 dB max
• Isolation 50 dB min
• Max Power 5 Watts (CW)
• Applications
• Test & Measurement
• Communications System
• Instrumentation
• Description




Similar Part No. - FMSW1002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW1100 FAIRVIEW-FMSW1100 Datasheet
808Kb / 5P
SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 6 GHz Rated at 40 Watts < 100ns Speed
REV 1.1A
FMSW1101 FAIRVIEW-FMSW1101 Datasheet
809Kb / 5P
FMSW1101 DATA SHEET SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 12 GHz Rated at 25 Watts 100ns Speed
REV 1.1A
FMSW1102 FAIRVIEW-FMSW1102 Datasheet
811Kb / 5P
FMSW1102 DATA SHEET SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 18 GHz Rated at 10 Watts 50ns Speed
REV 1.1A
FMSW1103 FAIRVIEW-FMSW1103 Datasheet
537Kb / 6P
The Right Parts, Right Away N Reflective SPDT GaN High Power PIN Diode Switch from 10 MHz to 6 GHz Rated at 50 Watts 150ns Speed
REV A
FMSW1104 FAIRVIEW-FMSW1104 Datasheet
831Kb / 5P
SMA Reflective SP4T GaN High Power PIN Diode Switch from DC to 6 GHz Rated at 40 Watts < 100ns Speed
REV 1.1A
More results


Similar Description - FMSW1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7101 PASTERNACK-PE7101 Datasheet
115Kb / 1P
75 OHM BNC FEMALE A/B COAXIAL SWITCH FREQUENCY RANGE DC TO 1,000 MHz
logo
Adam Technologies, Inc.
RT2-12 ADAM-TECH-RT2-12 Datasheet
85Kb / 1P
RELAY DC 12V
logo
Pasternack Enterprises,...
PE7100 PASTERNACK-PE7100_16 Datasheet
343Kb / 3P
A/B Coaxial Electromechanical Relay Switch
PE7101 PASTERNACK-PE7101_16 Datasheet
338Kb / 3P
75 Ohm A/B Coaxial Electromechanical Relay Switch
PE7102 PASTERNACK-PE7102_16 Datasheet
348Kb / 3P
A/B Coaxial Electromechanical Relay Switch
logo
JFW Industries, Inc.
50MS-367 JFW-50MS-367 Datasheet
37Kb / 2P
4 X 4 BLOCKING ELECTRO-MECHANICAL MATRIX SWITCH
logo
DB Unlimited.
TE034003-1 DBUNLIMITED-TE034003-1 Datasheet
133Kb / 1P
Electro-Mechanical Transducer
11/12/2019
TE044003-4 DBUNLIMITED-TE044003-4 Datasheet
129Kb / 1P
Electro-Mechanical Transducer
7/22/2019
TE054003-6 DBUNLIMITED-TE054003-6 Datasheet
136Kb / 1P
Electro-Mechanical Transducer
3/21/2022
TE084005-2 DBUNLIMITED-TE084005-2 Datasheet
193Kb / 1P
Electro-Mechanical Transducer
5/21/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com