Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3002049 Datasheet (PDF) - ledxon GmbH

3002049 Datasheet PDF - ledxon GmbH
Part # 3002049
Download  3002049 Download
File Size   74.89 Kbytes
Page   3 Pages
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH
Description Zubehör, Netzteil Konstantstrom 180mA, 30-42V, nicht dimmbar

3002049 Datasheet (PDF)

Go To PDF Page Download Datasheet
3002049 Datasheet PDF - ledxon GmbH

Part # 3002049
Download  3002049 Click to download

File Size   74.89 Kbytes
Page   3 Pages
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH
Description Zubehör, Netzteil Konstantstrom 180mA, 30-42V, nicht dimmbar

3002049 Datasheet (HTML) - ledxon GmbH


3002049 Product details

FEATURES
Product group LED driver (EC002710)
No dim function Yes
Housing Plastic housing
Length 92 mm
Width 36 mm
Height 25 mm
Power consumption 6.00 W




Similar Part No. - 3002049

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
300204A MOLEX1-300204A Datasheet
135Kb / 3P
5.08mm (.200") Pitch KK짰 PC Board Connector, Right Angle Mount Style A, 1.0關m (40關") Tin (Sn), 4 Circuits
300204AG MOLEX1-300204AG Datasheet
156Kb / 3P
5.08mm (.200") Pitch KK짰 PC Board Connector, Right Angle Mount Style A, 0.5關m (20關") Gold (Au), 4 Circuits
300204B MOLEX1-300204B Datasheet
150Kb / 3P
5.08mm (.200") Pitch KK짰 PC Board Connector, Bottom Entry Mount Style B, 1.0關m (40關") Tin (Sn), 4 Circuits
300204C MOLEX1-300204C Datasheet
132Kb / 3P
5.08mm (.200") Pitch KK짰 PC Board Connector, Top Entry Mount Style C, 1.0關m (40關") Tin (Sn), 4 Circuits
More results


Similar Description - 3002049

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
180mA Low-Noise LDO Regulator
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
180mA Low Voltage CMOS LDO
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
180mA Low-Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
180mA Fixed-Voltage Ultra Low LDO
logo
Rohm
RV2C002UN ROHM-RV2C002UN Datasheet
691Kb / 11P
Nch 20V 180mA Small Signal MOSFET
logo
OSRAM GmbH
Q65110A2120 OSRAM-Q65110A2120 Datasheet
435Kb / 15P
Nicht f체r Neuentwicklungen Not for new designs
logo
Solid State Optronic
AD4C313 SSOUSA-AD4C313 Datasheet
357Kb / 9P
180mA Maximum Continuous Load Current
logo
Siemens Semiconductor G...
3TX700 SIEMENS-3TX700 Datasheet
56Kb / 2P
Relaiskoppler, nicht steckbar
logo
List of Unclassifed Man...
A301D ETC1-A301D Datasheet
114Kb / 3P
Nicht fur Neuentwicklungen
logo
Semtech Corporation
F50 SEMTECH-F50 Datasheet
123Kb / 3P
RECTIFIER, up to 7.5kV, 180mA, 300ns
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com