Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

844S2416 Datasheet (PDF) - Renesas Technology Corp

844S2416 Datasheet PDF - Renesas Technology Corp
Part # 844S2416
Download  844S2416 Download
File Size   488.4 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-Differential HCSL/LVCMOS Frequency Synthesizer

844S2416 Datasheet (PDF)

Go To PDF Page Download Datasheet
844S2416 Datasheet PDF - Renesas Technology Corp

Part # 844S2416
Download  844S2416 Click to download

File Size   488.4 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-Differential HCSL/LVCMOS Frequency Synthesizer

844S2416 Datasheet (HTML) - Renesas Technology Corp


844S2416 Product details

• Two LVCMOS/LVTTL single-ended outputs at 24MHz
Twelve LVCMOS/LVTTL single-ended outputs at 25MHz
Two differential HCSL output pairs at 100MHz
One differential HCSL output pair at 100MHz or 200MHz
• Crystal oscillator interface: 25MHz
• PLL1 – VCO: 2.4GHz
• PLL2 – VCO range: 1.8GHz - 2.2GHz
±10% frequency margining in 1.25% steps
Selectable spread spectrum – downspread at -0.5%
• I2C control interface with address confi guration pin and with default
loading on release of active low reset
• 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 844S2416

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844S2416 RENESAS-844S2416 Datasheet
522Kb / 24P
FemtoClock® NG Crystal-to-Differential HCSL/LVCMOS Frequency Synthesizer
April 29, 2016
logo
Integrated Device Techn...
844S2416CKILF IDT-844S2416CKILF Datasheet
309Kb / 23P
HCSL/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
844S2416CKILF RENESAS-844S2416CKILF Datasheet
522Kb / 24P
FemtoClock® NG Crystal-to-Differential HCSL/LVCMOS Frequency Synthesizer
April 29, 2016
844S2416CKILF/W RENESAS-844S2416CKILF/W Datasheet
522Kb / 24P
FemtoClock® NG Crystal-to-Differential HCSL/LVCMOS Frequency Synthesizer
April 29, 2016
logo
Integrated Device Techn...
844S2416CKILFT IDT-844S2416CKILFT Datasheet
309Kb / 23P
HCSL/LVCMOS Frequency Synthesizer
More results


Similar Description - 844S2416

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841N4830 IDT-841N4830_16 Datasheet
491Kb / 28P
FemtoClock NG Crystal-to-HCSL Frequency Synthesizer
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
8440259D-05 RENESAS-8440259D-05 Datasheet
412Kb / 17P
FemtoClock® NG Crystal/LVCMOS-toLVDS/LVCMOS Frequency Synthesizer
SEPTEMBER 3, 2014
ICS840N051I RENESAS-ICS840N051I Datasheet
617Kb / 15P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
OCTOBER 14, 2013
841N254B RENESAS-841N254B Datasheet
950Kb / 25P
FemtoClock® NG Crystal-to-LVDS/ HCSL Clock Synthesizer
February 2, 2023
841N4830 RENESAS-841N4830 Datasheet
996Kb / 29P
FemtoClock® NG Crystal-to-HCSL Frequency Synthesizer
Revision F, May 23, 2016
ICS840N011I RENESAS-ICS840N011I Datasheet
802Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer
2019
ICS840N021I-01 RENESAS-ICS840N021I-01 Datasheet
939Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
2019
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
844S2416 RENESAS-844S2416 Datasheet
522Kb / 24P
FemtoClock® NG Crystal-to-Differential HCSL/LVCMOS Frequency Synthesizer
April 29, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com