Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5V41065PGG8 Datasheet (PDF) - Renesas Technology Corp

5V41065PGG8 Datasheet PDF - Renesas Technology Corp
Part # 5V41065PGG8
Download  5V41065PGG8 Download
File Size   467.1 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 OUTPUT PCIE GEN1/2 SYNTHESIZER

5V41065PGG8 Datasheet (PDF)

Go To PDF Page Download Datasheet
5V41065PGG8 Datasheet PDF - Renesas Technology Corp

Part # 5V41065PGG8
Download  5V41065PGG8 Click to download

File Size   467.1 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 OUTPUT PCIE GEN1/2 SYNTHESIZER

5V41065PGG8 Datasheet (HTML) - Renesas Technology Corp


5V41065PGG8 Product details

• 16-pin TSSOP and QFN packages; small board footprint
• Spread-spectrum capable; reduces EMI
• Outputs can be terminated to LVDS; can drive a wider
variety of devices
• 25 MHz, 125 MHz and 200 MHz output frequencies; TSSOP only
• 100MHz and 200MHz output frequencies; VFQFPN package
• OE control pin; greater system power management
• Spread% and frequency pin selection; no software
required to configure device
• Industrial temperature range available; supports
demanding embedded applications
• For PCIe Gen3 applications, see the 5V41235




Similar Part No. - 5V41065PGG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V41065PGG8 IDT-5V41065PGG8 Datasheet
318Kb / 18P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065PGG8 RENESAS-5V41065PGG8 Datasheet
499Kb / 19P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41065PGG8 RENESAS-5V41065PGG8 Datasheet
467Kb / 19P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
More results


Similar Description - 5V41065PGG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
MAY 5, 2017
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com