Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW5010 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW5010 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW5010
Download  FMSW5010 Download
File Size   715.66 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Reflective SPDT PIN Diode Switch From 30 MHz to 3.5 GHz Rated at 100 Watt (50 dBm) with Heatsink

FMSW5010 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW5010 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW5010
Download  FMSW5010 Click to download

File Size   715.66 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Reflective SPDT PIN Diode Switch From 30 MHz to 3.5 GHz Rated at 100 Watt (50 dBm) with Heatsink

FMSW5010 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW5010 Product details

Features
• Reflective SPDT High Power PIN Diode Switch
• Reflective Design
• Frequency Range: 30 MHz to 3.5 GHz
• Insertion Loss: 1.2 dB max
• Isolation: 28 dB typ
• VSWR: 1.8:1 max
• Maximum RF Input Power: 100 Watt
• Input IP3: +45 dBm typ
• Switching Speed: 12 usec
• TTL Compatible Driver Circuitry
• 50 Ohm Design
• SMA Female Connectors
• Compact Package Design withstands up to 95% Relative
• Humidity
• -40°C to +85°C Operating Temperature
• Applications
• Aerospace & Defense
• Microwave Radio
• Military & Commercial Communication
• VSAT
• SATCOM
• Test & Measurement
• Wireless Infrastructure
• Fiber Optics
• Description
• The FMSW5010 is a single pole double throw (SPDT) PIN diode switch that operates across a wide frequency band from 30 MHz to 3.5 GHz.
• The 50 ohm reflective design supports TTL compatible driver circuitry for accurate logic control. Impressive typical performance includes 1.2
• dB insertion loss max, 25 dB isolation min, and 12 usec switching speed. The switch requires a bias voltage of +5Vdc, and has maximum input
• power handling of up to 100 W. The rugged and compact package supports field replaceable SMA female RF connectors and solder terminal
• pins for DC bias voltage and TTL control. The swtich is designed for high reliability with a wide operational temperature range of -40°C to
• +85°C, and meets a series of environmental test conditions including Altitude, Vibration, Humidity, and Shock.




Similar Part No. - FMSW5010

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW5011 FAIRVIEW-FMSW5011 Datasheet
709Kb / 8P
SMA Reflective SPDT PIN Diode Switch From 1 GHz to 6 GHz Rated at 50 Watt (47 dBm) with Heatsink
REV B
FMSW5012 FAIRVIEW-FMSW5012 Datasheet
687Kb / 8P
SMA Reflective SP3T PIN Diode Switch From 10 MHz to 6 GHz Rated at 40 Watt (46 dBm)
REV A
FMSW5013 FAIRVIEW-FMSW5013 Datasheet
740Kb / 9P
SMA Reflective SP4T PIN Diode Switch From 10 MHz to 18 GHz Rated at 10 Watt (40 dBm) with Heatsink
REV A
FMSW5014 FAIRVIEW-FMSW5014 Datasheet
703Kb / 8P
SMA Reflective SPST PIN Diode Switch From 1 GHz to 18 GHz Rated at 20 Watt (43 dBm) with Heatsink
REV A
FMSW5015 FAIRVIEW-FMSW5015 Datasheet
744Kb / 9P
SMA Reflective SPDT PIN Diode Switch From 1 GHz to 18 GHz Rated at 20 Watt (43 dBm) with Heatsink
REV A
More results


Similar Description - FMSW5010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S2007 PASTERNACK-PE71S2007 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 30 dBm
PE71S2015 PASTERNACK-PE71S2015 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2016 PASTERNACK-PE71S2016 Datasheet
487Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2017 PASTERNACK-PE71S2017 Datasheet
501Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
PE71S2009 PASTERNACK-PE71S2009 Datasheet
451Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2010 PASTERNACK-PE71S2010 Datasheet
445Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2013 PASTERNACK-PE71S2013 Datasheet
452Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
PE71S2014 PASTERNACK-PE71S2014 Datasheet
442Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
PE71S6208 PASTERNACK-PE71S6208 Datasheet
551Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 4 GHz Up To plus 30 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com