Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW5013 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW5013 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW5013
Download  FMSW5013 Download
File Size   740.23 Kbytes
Page   9 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Reflective SP4T PIN Diode Switch From 10 MHz to 18 GHz Rated at 10 Watt (40 dBm) with Heatsink

FMSW5013 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW5013 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW5013
Download  FMSW5013 Click to download

File Size   740.23 Kbytes
Page   9 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Reflective SP4T PIN Diode Switch From 10 MHz to 18 GHz Rated at 10 Watt (40 dBm) with Heatsink

FMSW5013 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW5013 Product details

Features
• Reflective SP4T High Power PIN Diode Switch
• Reflective Design
• Frequency Range: 10 MHz to 18 GHz
• Insertion Loss: 4 dB max
• Isolation: 22 dB min
• VSWR: 2:1 max
• Maximum RF Input Power: 10 Watt
• Input IP3: +48 dBm typ
• Switching Speed: 500 nsec
• TTL Compatible Driver Circuitry
• 50 Ohm Design
• SMA Female Connectors
• Compact Package Design withstands up to 95% Relative
• Humidity
• -40°C to +85°C Operating Temperature
• Applications
• Aerospace & Defense
• Microwave Radio
• Military & Commercial Communication
• VSAT
• SATCOM
• Test & Measurement
• Wireless Infrastructure
• Fiber Optics
• Description
• The FMSW5013 is a single pole four throw (SP4T) PIN diode switch that operates across a wide frequency band from 10 MHz to 18 GHz.
• The 50 ohm reflective design supports TTL compatible driver circuitry for accurate logic control. Impressive typical performance includes 4 dB
• insertion loss max, 22 dB isolation min, and 500 nsec switching speed. The switch requires a bias voltage of +12Vdc, and has maximum input
• power handling of up to 10 W. The rugged and compact package supports field replaceable SMA female RF connectors and solder terminal
• pins for DC bias voltage and TTL control. The switch is designed for high reliability with a wide operational temperature range of -40°C to
• +85°C, and meets a series of environmental test conditions including Altitude, Vibration, Humidity, and Shock.




Similar Part No. - FMSW5013

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW5010 FAIRVIEW-FMSW5010 Datasheet
715Kb / 8P
SMA Reflective SPDT PIN Diode Switch From 30 MHz to 3.5 GHz Rated at 100 Watt (50 dBm) with Heatsink
REV B
FMSW5011 FAIRVIEW-FMSW5011 Datasheet
709Kb / 8P
SMA Reflective SPDT PIN Diode Switch From 1 GHz to 6 GHz Rated at 50 Watt (47 dBm) with Heatsink
REV B
FMSW5012 FAIRVIEW-FMSW5012 Datasheet
687Kb / 8P
SMA Reflective SP3T PIN Diode Switch From 10 MHz to 6 GHz Rated at 40 Watt (46 dBm)
REV A
FMSW5014 FAIRVIEW-FMSW5014 Datasheet
703Kb / 8P
SMA Reflective SPST PIN Diode Switch From 1 GHz to 18 GHz Rated at 20 Watt (43 dBm) with Heatsink
REV A
FMSW5015 FAIRVIEW-FMSW5015 Datasheet
744Kb / 9P
SMA Reflective SPDT PIN Diode Switch From 1 GHz to 18 GHz Rated at 20 Watt (43 dBm) with Heatsink
REV A
More results


Similar Description - FMSW5013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7164 PASTERNACK-PE7164 Datasheet
276Kb / 3P
50 Ohm SMA SPST PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7165 PASTERNACK-PE7165 Datasheet
270Kb / 3P
50 Ohm SMA SP2T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7166 PASTERNACK-PE7166 Datasheet
279Kb / 3P
50 Ohm SMA SP3T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7167 PASTERNACK-PE7167 Datasheet
304Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7168 PASTERNACK-PE7168 Datasheet
292Kb / 3P
50 Ohm SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7172 PASTERNACK-PE7172 Datasheet
276Kb / 3P
50 Ohm 2.92mm SP4T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE15A6002 PASTERNACK-PE15A6002 Datasheet
508Kb / 7P
Amplifier, -40 to 10 dBm Pin, SMA
PE15A6007 PASTERNACK-PE15A6007 Datasheet
510Kb / 7P
Amplifier, -40 to 10 dBm Pin, SMA
PE71S6230 PASTERNACK-PE71S6230 Datasheet
425Kb / 5P
SMA SPST PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To 20 dBm
PE71S6213 PASTERNACK-PE71S6213 Datasheet
370Kb / 4P
SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To plus 20 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com