Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW5011 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW5011 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW5011
Download  FMSW5011 Download
File Size   709.1 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Reflective SPDT PIN Diode Switch From 1 GHz to 6 GHz Rated at 50 Watt (47 dBm) with Heatsink

FMSW5011 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW5011 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW5011
Download  FMSW5011 Click to download

File Size   709.1 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Reflective SPDT PIN Diode Switch From 1 GHz to 6 GHz Rated at 50 Watt (47 dBm) with Heatsink

FMSW5011 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW5011 Product details

Features
• Reflective SPDT High Power PIN Diode Switch
• Reflective Design
• Frequency Range: 1 GHz to 6 GHz
• Insertion Loss: 1.2 dB max
• Isolation: 70 dB typ
• VSWR: 1.5:1 max
• Maximum RF Input Power: 50 Watt
• Input IP3: +51 dBm typ
• Switching Speed: 600 nsec
• TTL Compatible Driver Circuitry
• 50 Ohm Design
• SMA Female Connectors
• Compact Package Design withstands up to 95% Relative
• Humidity
• -40°C to +85°C Operating Temperature
• Applications
• Aerospace & Defense
• Microwave Radio
• Military & Commercial Communication
• VSAT
• SATCOM
• Test & Measurement
• Wireless Infrastructure
• Fiber Optics
• Description
• The FMSW5011 is a single pole double throw (SPDT) PIN diode switch that operates across a wide frequency band from 1 GHz to 6 GHz. The
• 50 ohm reflective design supports TTL compatible driver circuitry for accurate logic control. Impressive typical performance includes 1.2 dB
• insertion loss max, 55 dB isolation min, and 600 nsec switching speed. The switch requires a bias voltage of +28Vdc, and has maximum input
• power handling of up to 50 W. The rugged and compact package supports field replaceable SMA female RF connectors and solder terminal
• pins for DC bias voltage and TTL control. The switch is designed for high reliability with a wide operational temperature range of -40°C to
• +85°C, and meets a series of environmental test conditions including Altitude, Vibration, Humidity, and Shock.




Similar Part No. - FMSW5011

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW5010 FAIRVIEW-FMSW5010 Datasheet
715Kb / 8P
SMA Reflective SPDT PIN Diode Switch From 30 MHz to 3.5 GHz Rated at 100 Watt (50 dBm) with Heatsink
REV B
FMSW5012 FAIRVIEW-FMSW5012 Datasheet
687Kb / 8P
SMA Reflective SP3T PIN Diode Switch From 10 MHz to 6 GHz Rated at 40 Watt (46 dBm)
REV A
FMSW5013 FAIRVIEW-FMSW5013 Datasheet
740Kb / 9P
SMA Reflective SP4T PIN Diode Switch From 10 MHz to 18 GHz Rated at 10 Watt (40 dBm) with Heatsink
REV A
FMSW5014 FAIRVIEW-FMSW5014 Datasheet
703Kb / 8P
SMA Reflective SPST PIN Diode Switch From 1 GHz to 18 GHz Rated at 20 Watt (43 dBm) with Heatsink
REV A
FMSW5015 FAIRVIEW-FMSW5015 Datasheet
744Kb / 9P
SMA Reflective SPDT PIN Diode Switch From 1 GHz to 18 GHz Rated at 20 Watt (43 dBm) with Heatsink
REV A
More results


Similar Description - FMSW5011

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S2015 PASTERNACK-PE71S2015 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2016 PASTERNACK-PE71S2016 Datasheet
487Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2017 PASTERNACK-PE71S2017 Datasheet
501Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
PE71S2009 PASTERNACK-PE71S2009 Datasheet
451Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2010 PASTERNACK-PE71S2010 Datasheet
445Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2021 PASTERNACK-PE71S2021 Datasheet
451Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PE71S2022 PASTERNACK-PE71S2022 Datasheet
441Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PE71S6208 PASTERNACK-PE71S6208 Datasheet
551Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 4 GHz Up To plus 30 dBm
logo
Analog Devices
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com