Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW5020 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW5020 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW5020
Download  FMSW5020 Download
File Size   518.43 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description N-Type Reflective SPDT PIN Diode Switch From 1 GHz to 2 GHz Rated at 70 Watt (48.45 dBm) with Heatsink

FMSW5020 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW5020 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW5020
Download  FMSW5020 Click to download

File Size   518.43 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description N-Type Reflective SPDT PIN Diode Switch From 1 GHz to 2 GHz Rated at 70 Watt (48.45 dBm) with Heatsink

FMSW5020 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW5020 Product details

Features
• Reflective SPDT High Power PIN Diode Switch
• Reflective Design
• Frequency Range: 1 GHz to 2 GHz
• Insertion Loss: 1 dB max
• Isolation: 35 dB typ
• VSWR: 1.8:1 max
• Maximum RF Input Power: 100 Watt
• Input IP3: +45 dBm typ
• Switching Speed: 38 usec
• TTL Compatible Driver Circuitry
• 50 Ohm Design
• N-Type Female Connectors
• Compact Package Design withstands up to 95% Relative
• Humidity
• -40°C to +85°C Operating Temperature
• Applications
• Aerospace & Defense
• Microwave Radio
• Military & Commercial Communication
• VSAT
• SATCOM
• Test & Measurement
• Wireless Infrastructure
• Fiber Optics
• Description
• The FMSW5020 is a single pole double throw (SPDT) PIN diode switch that operates across a wide frequency band from 1 GHz to 2 GHz.
• The 50 ohm reflective design supports TTL compatible driver circuitry for accurate logic control. Impressive typical performance includes 1 dB
• insertion loss max, 35 dB isolation typ, and 38 usec switching speed max. The switch requires a bias voltage of +5Vdc, and has maximum
• input power handling of up to 100 W. The rugged and compact package supports field replaceable N-Type female RF connectors and solder
• terminal pins for DC bias voltage and TTL control. The switch is designed for high reliability with a wide operational temperature range of -40°C
• to +85°C, and meets a series of environmental test conditions including Altitude, Vibration, Humidity, and Shock.




Similar Part No. - FMSW5020

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW5021 FAIRVIEW-FMSW5021 Datasheet
733Kb / 8P
SMA Reflective SP4T PIN Diode Switch From 0.5 GHz to 6 GHz Rated at 130 Watt Pulsed (51 dBm) and Hermetically Sealed with Heatsink
REV A
FMSW5022 FAIRVIEW-FMSW5022 Datasheet
581Kb / 8P
SPDT USB Ethernet Controlled High Isolation Absoptive Switch 500 MHz to 43.5 GHz, 2.92mm
REV A
FMSW5023 FAIRVIEW-FMSW5023 Datasheet
607Kb / 8P
SP4T USB Ethernet Controlled High Isolation Absoptive Switch 500 MHz to 50 GHz, 2.4mm
REV A
FMSW5024 FAIRVIEW-FMSW5024 Datasheet
651Kb / 8P
SP4T USB LAN Controlled High Isolation Absoptive Switch 500 MHz to 43.5 GHz, 2.92mm
REV A
FMSW5025 FAIRVIEW-FMSW5025 Datasheet
592Kb / 8P
SPDT USB Ethernet Controlled High Isolation Absoptive Switch 100 MHz to 50 GHz, 2.4mm
REV A
More results


Similar Description - FMSW5020

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S2015 PASTERNACK-PE71S2015 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2016 PASTERNACK-PE71S2016 Datasheet
487Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2017 PASTERNACK-PE71S2017 Datasheet
501Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
PE71S2019 PASTERNACK-PE71S2019 Datasheet
451Kb / 6P
2.92mm SPST PIN Diode Switch Operating From 2 GHz to 40 GHz Up To 30 dBm
PE71S2020 PASTERNACK-PE71S2020 Datasheet
432Kb / 6P
2.92mm SPST PIN Diode Switch Operating From 2 GHz to 40 GHz Up To 30 dBm
PE71S2021 PASTERNACK-PE71S2021 Datasheet
451Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PE71S2022 PASTERNACK-PE71S2022 Datasheet
441Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PE71S6208 PASTERNACK-PE71S6208 Datasheet
551Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 4 GHz Up To plus 30 dBm
logo
Analog Devices
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com