Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW5022 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW5022 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW5022
Download  FMSW5022 Download
File Size   581.3 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SPDT USB Ethernet Controlled High Isolation Absoptive Switch 500 MHz to 43.5 GHz, 2.92mm

FMSW5022 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW5022 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW5022
Download  FMSW5022 Click to download

File Size   581.3 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SPDT USB Ethernet Controlled High Isolation Absoptive Switch 500 MHz to 43.5 GHz, 2.92mm

FMSW5022 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW5022 Product details

Features
• Ultra-Wideband SPDT PIN Diode Switch
• 500 MHz to 43.5 GHz
• 50 Ohm Absorptive Design
• Insertion Loss: 4 dB typ
• Isolation: 53 dB typ
• Maximum RF input Power: +23 dBm
• Bias Voltage: +5Vdc
• USB 2.0 Interface and Ethernet (IPv4)
• Field Replaceable Female 2.92mm output
• Operational Temperature Range -40°C to +85°C
• Downloadable User Manual and Software
• USB and Ethernet cables included
• Applications
• Test & Measurement
• 5G Communication
• Military Electronic Systems
• Wireless Infrastructure
• Fiber Optics
• Research & Development
• Description
• The FMSW5022 is a Single Pole Double Throw (SPDT) USB/Ethernet RF Switch Module designed to cover a wide frequency range
• from 500 MHz to 43.5 GHz with excellent 53 dB typical isolation and 4 dB typical low insertion loss. The switch requries a +5Vdc bias
• voltage through USB, and has maximum input power handling of up to +23 dBm. The module supports both USB 2.0 and LAN
• (Ethernet) interfaces, allowing seamless control from a host PC or networked system. The rugged and compact package supports
• field replaceable 2.92mm female RF connectors. The SPDT switch can be controlled through an intuitive GUI (downloadable user
• manual), as well as with system design software such as LabVIEW. The robust construction and wide frequency range make
• it well-suited for bench-top test and measurement environments, as well as integration into radar and communication systems.
• The RF Switch Module includes a USB 2.0 A extension cable and IPv4 Ethernet cable for flexible connectivity. Its advanced internal switching
• architecture ensures low signal distortion and high isolation between channels, providing consistent and reliable performance across the entire
• operating frequency range.




Similar Part No. - FMSW5022

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW5020 FAIRVIEW-FMSW5020 Datasheet
518Kb / 4P
N-Type Reflective SPDT PIN Diode Switch From 1 GHz to 2 GHz Rated at 70 Watt (48.45 dBm) with Heatsink
REV A
FMSW5021 FAIRVIEW-FMSW5021 Datasheet
733Kb / 8P
SMA Reflective SP4T PIN Diode Switch From 0.5 GHz to 6 GHz Rated at 130 Watt Pulsed (51 dBm) and Hermetically Sealed with Heatsink
REV A
FMSW5023 FAIRVIEW-FMSW5023 Datasheet
607Kb / 8P
SP4T USB Ethernet Controlled High Isolation Absoptive Switch 500 MHz to 50 GHz, 2.4mm
REV A
FMSW5024 FAIRVIEW-FMSW5024 Datasheet
651Kb / 8P
SP4T USB LAN Controlled High Isolation Absoptive Switch 500 MHz to 43.5 GHz, 2.92mm
REV A
FMSW5025 FAIRVIEW-FMSW5025 Datasheet
592Kb / 8P
SPDT USB Ethernet Controlled High Isolation Absoptive Switch 100 MHz to 50 GHz, 2.4mm
REV A
More results


Similar Description - FMSW5022

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13290-313LF SKYWORKS-SKY13290-313LF Datasheet
220Kb / 6P
PHEMT 10 W SPDT Switch 500 MHz-2.5 GHz
SKY13286-359LF SKYWORKS-SKY13286-359LF Datasheet
551Kb / 5P
GaAs High Isolation SPDT Absorptive Switch 100 MHz-6 GHz
logo
Pasternack Enterprises,...
PE71S6104 PASTERNACK-PE71S6104 Datasheet
457Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6105 PASTERNACK-PE71S6105 Datasheet
458Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6108 PASTERNACK-PE71S6108 Datasheet
459Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6109 PASTERNACK-PE71S6109 Datasheet
459Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
logo
Analog Devices
HMC8038 AD-HMC8038 Datasheet
407Kb / 11P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
REV. A
logo
Skyworks Solutions Inc.
SKY13372-467LF SKYWORKS-SKY13372-467LF Datasheet
760Kb / 9P
0.1 to 6.0 GHz High-Isolation SPDT Absorptive Switch
logo
Analog Devices
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
1/2019-v02.0315 to Rev. B
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
10/2019-Rev. E to Rev. F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com