Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW5024 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW5024 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW5024
Download  FMSW5024 Download
File Size   651.44 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP4T USB LAN Controlled High Isolation Absoptive Switch 500 MHz to 43.5 GHz, 2.92mm

FMSW5024 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW5024 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW5024
Download  FMSW5024 Click to download

File Size   651.44 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP4T USB LAN Controlled High Isolation Absoptive Switch 500 MHz to 43.5 GHz, 2.92mm

FMSW5024 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW5024 Product details

Features
• Ultra-Wideband SP4T PIN Diode Switch
• 500 MHz to 43.5 GHz
• 50 Ohm Absorptive Design
• Insertion Loss: 4.5 dB typ
• Isolation: 57 dB typ
• Maximum RF input Power: +23 dBm
• Bias Voltage: +5Vdc
• USB 2.0 Interface and Ethernet (IPv4)
• Field Replaceable Female 2.92mm output
• Operational Temperature Range -40°C to +85°C
• Downloadable User Manual and Software
• USB and Ethernet cables included
• Applications
• Test & Measurement
• 5G Communication
• Military Electronic Systems
• Wireless Infrastructure
• Fiber Optics
• Research & Development
• Description
• The FMSW5024 is a Single Pole Four Throw (SP4T) USB/Ethernet RF Switch Module designed to cover a wide frequency range
• from 500 MHz to 43.5 GHz with excellent 57 dB typical isolation and 4.5 dB typical low insertion loss. The switch requries a +5Vdc
• bias voltage through USB, and has maximum input power handling of up to +23 dBm. The module supports both USB 2.0 and LAN
• (Ethernet) interfaces, allowing seamless control from a host PC or networked system. The rugged and compact package supports
• field replaceable 2.92mm female RF connectors. The SP4T switch can be controlled through an intuitive GUI (downloadable user
• manual), as well as with system design software such as LabVIEW. The robust construction and wide frequency range make
• it well-suited for bench-top test and measurement environments, as well as integration into radar and communication systems.
• The RF Switch Module includes a USB 2.0 A extension cable and IPv4 Ethernet cable for flexible connectivity. Its advanced internal switching
• architecture ensures low signal distortion and high isolation between channels, providing consistent and reliable performance across the entire
• operating frequency range.




Similar Part No. - FMSW5024

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW5020 FAIRVIEW-FMSW5020 Datasheet
518Kb / 4P
N-Type Reflective SPDT PIN Diode Switch From 1 GHz to 2 GHz Rated at 70 Watt (48.45 dBm) with Heatsink
REV A
FMSW5021 FAIRVIEW-FMSW5021 Datasheet
733Kb / 8P
SMA Reflective SP4T PIN Diode Switch From 0.5 GHz to 6 GHz Rated at 130 Watt Pulsed (51 dBm) and Hermetically Sealed with Heatsink
REV A
FMSW5022 FAIRVIEW-FMSW5022 Datasheet
581Kb / 8P
SPDT USB Ethernet Controlled High Isolation Absoptive Switch 500 MHz to 43.5 GHz, 2.92mm
REV A
FMSW5023 FAIRVIEW-FMSW5023 Datasheet
607Kb / 8P
SP4T USB Ethernet Controlled High Isolation Absoptive Switch 500 MHz to 50 GHz, 2.4mm
REV A
FMSW5025 FAIRVIEW-FMSW5025 Datasheet
592Kb / 8P
SPDT USB Ethernet Controlled High Isolation Absoptive Switch 100 MHz to 50 GHz, 2.4mm
REV A
More results


Similar Description - FMSW5024

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZSWA-4-30DR MINI-ZSWA-4-30DR Datasheet
66Kb / 1P
Switch High Isolation, SP4T, 50??DC to 3 GHz
logo
List of Unclassifed Man...
MASW-010350 ETC1-MASW-010350 Datasheet
200Kb / 7P
SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
Pasternack Enterprises,...
PE7172 PASTERNACK-PE7172 Datasheet
276Kb / 3P
50 Ohm 2.92mm SP4T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE71S6136 PASTERNACK-PE71S6136 Datasheet
443Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6137 PASTERNACK-PE71S6137 Datasheet
466Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6140 PASTERNACK-PE71S6140 Datasheet
452Kb / 6P
SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6141 PASTERNACK-PE71S6141 Datasheet
446Kb / 6P
SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
logo
Skyworks Solutions Inc.
SKY13384-350LF SKYWORKS-SKY13384-350LF Datasheet
989Kb / 12P
0.02 to 4.0 GHz High Isolation SP4T Absorptive Switch with Decoder
SKY13524-639LF SKYWORKS-SKY13524-639LF Datasheet
535Kb / 10P
0.7 to 3.0 GHz High Isolation SP4T Switch
logo
Peregrine Semiconductor
PE42446 PSEMI-PE42446 Datasheet
108Kb / 2P
High Isolation UltraCMOS® SP4T RF Switch, 10 MHz–8 GHz
06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com