Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAC250022 Datasheet (PDF) - Pro-Signal

CAC250022 Datasheet PDF - Pro-Signal
Part # CAC250022
Download  CAC250022 Download
File Size   242.74 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Type A Male to Type A Female Lead, USB 3.0

CAC250022 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAC250022 Datasheet PDF - Pro-Signal

Part # CAC250022
Download  CAC250022 Click to download

File Size   242.74 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Type A Male to Type A Female Lead, USB 3.0

CAC250022 Datasheet (HTML) - Pro-Signal


CAC250022 Product details

Description
Lead, USB 3.0 A Male to A Female, Blue




Similar Part No. - CAC250022

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
CAC250020 PROSIGNAL-CAC250020 Datasheet
224Kb / 1P
USB 3.0 AM to AM Cable
V1.0 10/11/21
CAC250023 PROSIGNAL-CAC250023 Datasheet
249Kb / 1P
Type A Plug to Type A Receptacle
V1.0 11/10/22
More results


Similar Description - CAC250022

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
692141030100 WURTH-692141030100 Datasheet
670Kb / 2P
USB 3.0 STACKED TYPE A
692901100000 WURTH-692901100000 Datasheet
390Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A MALE
692902100000 WURTH-692902100000 Datasheet
393Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
692903100000 WURTH-692903100000 Datasheet
387Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE B MALE
692904100000 WURTH-692904100000 Datasheet
386Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO MICRO B MALE
logo
Pulse A Technitrol Comp...
E8199-001-01 PULSE-E8199-001-01 Datasheet
270Kb / 2P
USB 3.0 A TYPE RECEPTACLE
logo
Molex Electronics Ltd.
0687890035 MOLEX1-0687890035 Datasheet
41Kb / 1P
USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m
0687890036 MOLEX1-0687890036 Datasheet
41Kb / 1P
USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.5m Length, Black
0687890037 MOLEX1-0687890037 Datasheet
41Kb / 1P
USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 2.0m Length, Black
logo
Wurth Elektronik GmbH &...
692902100001 WURTH-692902100001 Datasheet
371Kb / 1P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
A 07-NOV-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com