Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAC250022 Datasheet(PDF) 1 Page - Pro-Signal

Part # CAC250022
Description  Type A Male to Type A Female Lead, USB 3.0
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

CAC250022 Datasheet(HTML) 1 Page - Pro-Signal

  CAC250022 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
12/11/21
Type A Male to Type A Female
Lead, USB 3.0
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
L ±T
Part Number
Lead, USB 3.0 A Male to A Female, Blue
1000 ±20mm CAC250022
2000 ±20mm USB3-822BL
3000 ±40mm CAC250023.
5000 ±60mm CAC250024
Specifications
Connector to Connector
: Type A Male to Type A Female
USB Standard
: USB 3.0
Contact Resistance
: 3Ω Max.
Insulation Resistance
: DC 300V/10ms, 10MΩ Min.
Jacket Colour
: Blue
Diagram
No
Description
Qty. Unit
1
[28AWG×(7/0.127TC)+EAM]×2P+[28AWG×(7/0.127TC)+A]×1P+28AWG(7/0.127
TC)×2C+AEB(16/5/0.12AL 65%) OD:5.5mm Blue PVC Mark E342987 AWM style
2725 80°C 30V VW-1; Super High speed USB Revision 3.0
-
m
2
USB 3.0 A(M) 9P Blue insulation Pin plated gold 5µ″
2
Pcs
3
USB 3.0 A(M) Shell plated nickel after
4
USB 3.0 A(M) Shell plated nickel before
5
PVC 45P Blue
18
g
6
USB 3.0 A(M) Clip
2
Pcs
7
USB 3.0 A(F) 9P Blue insulation Pin plated gold
1
8
Transparent PE
3
g
Dimensions : Millimetres


Similar Part No. - CAC250022

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
CAC250020 PROSIGNAL-CAC250020 Datasheet
224Kb / 1P
USB 3.0 AM to AM Cable
V1.0 10/11/21
CAC250023 PROSIGNAL-CAC250023 Datasheet
249Kb / 1P
Type A Plug to Type A Receptacle
V1.0 11/10/22
More results

Similar Description - CAC250022

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
692141030100 WURTH-692141030100 Datasheet
670Kb / 2P
USB 3.0 STACKED TYPE A
692901100000 WURTH-692901100000 Datasheet
390Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A MALE
692902100000 WURTH-692902100000 Datasheet
393Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
692903100000 WURTH-692903100000 Datasheet
387Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE B MALE
692904100000 WURTH-692904100000 Datasheet
386Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO MICRO B MALE
logo
Pulse A Technitrol Comp...
E8199-001-01 PULSE-E8199-001-01 Datasheet
270Kb / 2P
USB 3.0 A TYPE RECEPTACLE
logo
Molex Electronics Ltd.
0687890035 MOLEX1-0687890035 Datasheet
41Kb / 1P
USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m
0687890036 MOLEX1-0687890036 Datasheet
41Kb / 1P
USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.5m Length, Black
0687890037 MOLEX1-0687890037 Datasheet
41Kb / 1P
USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 2.0m Length, Black
logo
Wurth Elektronik GmbH &...
692902100001 WURTH-692902100001 Datasheet
371Kb / 1P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
A 07-NOV-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com