Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7649 Datasheet (PDF) - EPCOS

B7649 Datasheet PDF - EPCOS
Part # B7649
Download  B7649 Download
File Size   119.23 Kbytes
Page   11 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components

B7649 Datasheet (PDF)

Go To PDF Page Download Datasheet
B7649 Datasheet PDF - EPCOS

Part # B7649
Download  B7649 Click to download

File Size   119.23 Kbytes
Page   11 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components

B7649 Datasheet (HTML) - EPCOS


B7649 Product details

Features
■ Package size 3.0 x 2.5 x 1.0 mm3
■ Package code QCS9U
■ RoHS compatible
■ Approx. weight 0.030 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals

Application
■ Low-loss SAW duplexer for mobile telephone
   WCDMA Band I (UMTS) systems
■ Low insertion attenuation
■ Low amplitude ripple
■ Usable passband 60 MHz




Similar Part No. - B7649

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
B764 SANYO-B764 Datasheet
40Kb / 4P
Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
logo
EPCOS
B7640 EPCOS-B7640 Datasheet
158Kb / 12P
SAW duplexer
B7641 EPCOS-B7641 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7643 EPCOS-B7643 Datasheet
115Kb / 11P
SAW Duplexer 1950 / 2140 MHz
More results


Similar Description - B7649

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3355K ETC-G3355K Datasheet
98Kb / 8P
SAW COMPONENTS
logo
EPCOS
B3583 EPCOS-B3583 Datasheet
56Kb / 5P
SAW Components
B7683 EPCOS-B7683 Datasheet
156Kb / 13P
SAW Components
B7646 EPCOS-B7646 Datasheet
119Kb / 11P
SAW Components
B5155 EPCOS-B5155 Datasheet
233Kb / 8P
SAW Components
logo
TDK Electronics
B39182B9855P810 TDK-B39182B9855P810 Datasheet
136Kb / 8P
SAW Components
B39901B8746P810 TDK-B39901B8746P810 Datasheet
98Kb / 7P
SAW Components
logo
EPCOS
B39212B7750C810 EPCOS-B39212B7750C810 Datasheet
85Kb / 8P
SAW Components
B39401R983U410 EPCOS-B39401R983U410 Datasheet
40Kb / 4P
SAW Components
B39421R2702U310 EPCOS-B39421R2702U310 Datasheet
45Kb / 4P
SAW Components
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com