Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTB GVSG Datasheet (PDF) - ams-OSRAM AG

LRTB GVSG Datasheet PDF - ams-OSRAM AG
Part # LRTB GVSG
Download  LRTB GVSG Download
File Size   753.4 Kbytes
Page   31 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description MULTILED

LRTB GVSG Datasheet (PDF)

Go To PDF Page Download Datasheet
LRTB GVSG Datasheet PDF - ams-OSRAM AG

Part # LRTB GVSG
Download  LRTB GVSG Click to download

File Size   753.4 Kbytes
Page   31 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description MULTILED

LRTB GVSG Datasheet (HTML) - ams-OSRAM AG


LRTB GVSG Product details

Features
package: white PLCC-6 package, silicone resin
color: red/true green/ blue, 625 nm (red),
528 nm (true green), 460 nm (blue)
viewing angle: Lambertian Emitter (120°)
chiptechnology: ThinFilm (red),
ThinGaN (true green, blue)
soldering methods: reflow solderable
preconditioning: acc. to JEDEC Level 2
ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
Korrosionsstabilität: Verbesserte
Korrosionsstabilität




Similar Part No. - LRTB GVSG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTB-C9TP OSRAM-LRTB-C9TP Datasheet
2Mb / 25P
ceramic package for RGB-Displays with diffused silicon resin
LRTB-G6SF OSRAM-LRTB-G6SF Datasheet
642Kb / 23P
white P-LCC-6 package with diffused silicone resin
LRTB-G6SG OSRAM-LRTB-G6SG Datasheet
354Kb / 23P
white P-LCC-6 package, diffused silicone resin
LRTB-G6TG OSRAM-LRTB-G6TG Datasheet
802Kb / 22P
white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
LRTB-GFTG OSRAM-LRTB-GFTG Datasheet
975Kb / 25P
white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
More results


Similar Description - LRTB GVSG

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSG3331 SIEMENS-LSG3331 Datasheet
331Kb / 7P
3 mm (T1) MULTILED, Non Diffused
LSG3351 SIEMENS-LSG3351 Datasheet
332Kb / 7P
3 mm (T1) MULTILED, Diffused
LSPP370 SIEMENS-LSPP370 Datasheet
536Kb / 9P
Plane MULTILED 3 mm T1 LED, Non Diffused
LU5351 SIEMENS-LU5351 Datasheet
325Kb / 7P
5 mm (T1 3/4) MULTILED , Diffused
LUB371 SIEMENS-LUB371 Datasheet
335Kb / 7P
Symbol MULTILED 2.5 mm x 5 mm, Partly Diffused
LUH371 SIEMENS-LUH371 Datasheet
331Kb / 7P
Symbol MULTILED 5 mm T1 3/4, Partly Diffused
LUS250 SIEMENS-LUS250 Datasheet
441Kb / 7P
SOT-23 MULTILED, Diffused
logo
OSRAM GmbH
Q65110A7501 OSRAM-Q65110A7501 Datasheet
642Kb / 23P
6-lead MULTILED - RGB - white binned Enhanced optical Power LED (ThinFilm / ThinGaN) Lead (Pb) Free Product - RoHS Compliant
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com