Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45PAT2MGR Datasheet (PDF) - StarTech.com Ltd.

45PAT2MGR Datasheet PDF - StarTech.com Ltd.
Part # 45PAT2MGR
Download  45PAT2MGR Download
File Size   76.85 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description Cat5e Patch Cable with Snagless RJ45 Connectors - 2m, Gray

45PAT2MGR Datasheet (PDF)

Go To PDF Page Download Datasheet
45PAT2MGR Datasheet PDF - StarTech.com Ltd.

Part # 45PAT2MGR
Download  45PAT2MGR Click to download

File Size   76.85 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description Cat5e Patch Cable with Snagless RJ45 Connectors - 2m, Gray

45PAT2MGR Datasheet (HTML) - StarTech.com Ltd.


45PAT2MGR Product details

Features
• RJ45 connector clip protectors
• Carefully constructed and tested, to keep Near End Crosstalk (NEXT) well within acceptable limits
• Colored hoods for departmental color coding
• Molded strain relief prevents the cable from being bent at sharp angles at the RJ45 connector, to minimize the
stress at the plug termination point
• Constructed with top quality components
• High quality 24 AWG copper wire




Similar Part No. - 45PAT2MGR

ManufacturerPart #DatasheetDescription
logo
Goford Semiconductor
45P40 GOFORD-45P40 Datasheet
684Kb / 6P
P-Channel Enhancement Mode Power MOSFET
45P40A GOFORD-45P40A Datasheet
867Kb / 6P
P-Channel Enhancement Mode Power MOSFET
logo
VECTOR ELECTRONICS AND ...
45P80-1 VECTOR-45P80-1 Datasheet
933Kb / 1P
4.5"H X 8.08"L X .062" TH. WIRING SIDE/COMPONENT SIDE
45P80-1 VECTOR-45P80-1 Datasheet
277Kb / 4P
Prototyping Boards (Circbord®)
45P80-2 VECTOR-45P80-2 Datasheet
933Kb / 1P
4.5"H X 8.08"L X .062" TH. WIRING SIDE/COMPONENT SIDE
More results


Similar Description - 45PAT2MGR

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N001-003-GY TRIPPLITE-N001-003-GY Datasheet
477Kb / 2P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 3-ft.
N001-006-GY TRIPPLITE-N001-006-GY Datasheet
477Kb / 3P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 6-ft.
N001-015-GY TRIPPLITE-N001-015-GY Datasheet
472Kb / 2P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 15-ft
N001-020-GY TRIPPLITE-N001-020-GY Datasheet
477Kb / 3P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 20-ft.
N001-025-GY TRIPPLITE-N001-025-GY Datasheet
484Kb / 4P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 25-ft.
N001-030-GY TRIPPLITE-N001-030-GY Datasheet
477Kb / 3P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 30-ft.
N001-075-GY TRIPPLITE-N001-075-GY Datasheet
477Kb / 2P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 75-ft.
N001-100-GY TRIPPLITE-N001-100-GY Datasheet
477Kb / 2P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 100-ft.
N001-150-GY TRIPPLITE-N001-150-GY Datasheet
477Kb / 2P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 150-ft.
N001-200-GY TRIPPLITE-N001-200-GY Datasheet
477Kb / 2P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 200-ft.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com