Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45PAT2MGR Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # 45PAT2MGR
Description  Cat5e Patch Cable with Snagless RJ45 Connectors - 2m, Gray
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

45PAT2MGR Datasheet(HTML) 1 Page - StarTech.com Ltd.

  45PAT2MGR Datasheet HTML 1Page - StarTech.com Ltd. 45PAT2MGR Datasheet HTML 2Page - StarTech.com Ltd. 45PAT2MGR Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cat5e Patch Cable with Snagless RJ45 Connectors - 2m, Gray
Product ID: 45PAT2MGR
The 45PAT2MGR Cat5e patch cable (2m) meets or exceeds all Cat 5e cable specifications to ensure reliable
Ethernet network connections, and features a durable gray PVC jacket that enables you to color code your network
cable runs as needed.
To ensure long-lasting performance, this high quality Cat5e patch cable features a snagless design that protects the
RJ45 connector clips from damage and makes the cable less prone to snagging during installation. The cable also
features molded PVC strain relief that prevents the RJ45 connector termination points from bending at sharp angles,
reducing the risk of cable failure.
Constructed of only top quality materials, this Cat5e patch cord delivers reliable performance and is backed by our
lifetime warranty.
Get the highest value for your cable investment with our Cat 5e cables, each one manufactured using high-quality
copper conductors.
Ensure high-performance capability for your demanding Ethernet applications, such as Power-over-Ethernet, using
cables that include 24 AWG copper.
Rely on our RJ45 connectors to deliver optimum conductivity while eliminating signal loss due to oxidation or
corrosion.
Certifications, Reports and Compatibility
Applications


Similar Part No. - 45PAT2MGR

ManufacturerPart #DatasheetDescription
logo
Goford Semiconductor
45P40 GOFORD-45P40 Datasheet
684Kb / 6P
P-Channel Enhancement Mode Power MOSFET
45P40A GOFORD-45P40A Datasheet
867Kb / 6P
P-Channel Enhancement Mode Power MOSFET
logo
VECTOR ELECTRONICS AND ...
45P80-1 VECTOR-45P80-1 Datasheet
933Kb / 1P
4.5"H X 8.08"L X .062" TH. WIRING SIDE/COMPONENT SIDE
45P80-1 VECTOR-45P80-1 Datasheet
277Kb / 4P
Prototyping Boards (Circbord®)
45P80-2 VECTOR-45P80-2 Datasheet
933Kb / 1P
4.5"H X 8.08"L X .062" TH. WIRING SIDE/COMPONENT SIDE
More results

Similar Description - 45PAT2MGR

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N001-003-GY TRIPPLITE-N001-003-GY Datasheet
477Kb / 2P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 3-ft.
N001-006-GY TRIPPLITE-N001-006-GY Datasheet
477Kb / 3P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 6-ft.
N001-015-GY TRIPPLITE-N001-015-GY Datasheet
472Kb / 2P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 15-ft
N001-020-GY TRIPPLITE-N001-020-GY Datasheet
477Kb / 3P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 20-ft.
N001-025-GY TRIPPLITE-N001-025-GY Datasheet
484Kb / 4P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 25-ft.
N001-030-GY TRIPPLITE-N001-030-GY Datasheet
477Kb / 3P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 30-ft.
N001-075-GY TRIPPLITE-N001-075-GY Datasheet
477Kb / 2P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 75-ft.
N001-100-GY TRIPPLITE-N001-100-GY Datasheet
477Kb / 2P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 100-ft.
N001-150-GY TRIPPLITE-N001-150-GY Datasheet
477Kb / 2P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 150-ft.
N001-200-GY TRIPPLITE-N001-200-GY Datasheet
477Kb / 2P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 200-ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com