Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45PAT2MGR Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # 45PAT2MGR
Description  Cat5e Patch Cable with Snagless RJ45 Connectors - 2m, Gray
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

45PAT2MGR Datasheet(HTML) 2 Page - StarTech.com Ltd.

  45PAT2MGR Datasheet HTML 1Page - StarTech.com Ltd. 45PAT2MGR Datasheet HTML 2Page - StarTech.com Ltd. 45PAT2MGR Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• Designed for use with Fast Ethernet networks
• Patches from hub to distribution panel
• Connects workstation to wall outlet
Features
• RJ45 connector clip protectors
• Carefully constructed and tested, to keep Near End Crosstalk (NEXT) well within acceptable limits
• Colored hoods for departmental color coding
• Molded strain relief prevents the cable from being bent at sharp angles at the RJ45 connector, to minimize the
stress at the plug termination point
• Constructed with top quality components
• High quality 24 AWG copper wire
Hardware
Warranty
Lifetime
Number of Conductors
4 pair UTP
Cable Jacket Material
PVC - Polyvinyl Chloride
Fire Rating
CM Rated
Cable Type
Snagless
Performance
Cable Rating
CAT5e - 350 MHz
Connector(s)
Connector A
1 - RJ-45
Connector B
1 - RJ-45
Environmental
Operating Temperature
0C to 30C (32F to 86F)
Storage Temperature
-20C to 60C (-4F to 140F)
Humidity
0 ~ 60% RH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com