Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1650 Datasheet (PDF) - STMicroelectronics

SD1650 Datasheet PDF - STMicroelectronics
Part # SD1650
Download  SD1650 Download
File Size   60.52 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS

SD1650 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD1650 Datasheet PDF - STMicroelectronics

Part # SD1650
Download  SD1650 Click to download

File Size   60.52 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS

SD1650 Datasheet (HTML) - STMicroelectronics


SD1650 Product details

DESCRIPTION
Designed for 900 MHz cellular radio base station applications, the SD1650 exhibits high collector efficiency with excellent thermal characteristics. Double-section internal input/output matching result in terminal impedance levels easily handled by the circuit designer.

■ REFRACTORY/GOLD METALLIZATION
■ DOUBLE STEP INPUT/OUTPUT MATCH
■ 850-960 MHz CLASS AB LINEAR
■ COMMON EMITTER
■ POUT = 60 W MIN. WITH 7 dB MIN GAIN




Similar Part No. - SD1650

ManufacturerPart #DatasheetDescription
logo
Dc Components
SD1650D DCCOM-SD1650D Datasheet
291Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
More results


Similar Description - SD1650

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1390 STMICROELECTRONICS-SD1390 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
SD1391 STMICROELECTRONICS-SD1391 Datasheet
56Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
SD1423 STMICROELECTRONICS-SD1423 Datasheet
54Kb / 4P
RF & MICROWAVE TRANSISTORS 800-960MHz BASE STATION APPLICATIONS
22-Aug-1996
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
07-Oct-1993
SD4600 STMICROELECTRONICS-SD4600 Datasheet
65Kb / 4P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
Nov-1992
SD4701 STMICROELECTRONICS-SD4701 Datasheet
148Kb / 6P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
May-1993
logo
Microsemi Corporation
MS1578 MICROSEMI-MS1578 Datasheet
411Kb / 5P
RF & MICROWAVE TRANSISTORS 800-960MHz CELLULAR BASE STATION
logo
STMicroelectronics
2SD1391 STMICROELECTRONICS-2SD1391 Datasheet
56Kb / 5P
RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
23-Aug-1996
logo
Advanced Power Technolo...
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com