Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1650 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD1650
Description  RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1650 Datasheet(HTML) 3 Page - STMicroelectronics

  SD1650 Datasheet HTML 1Page - STMicroelectronics SD1650 Datasheet HTML 2Page - STMicroelectronics SD1650 Datasheet HTML 3Page - STMicroelectronics SD1650 Datasheet HTML 4Page - STMicroelectronics SD1650 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL PERFORMANCE
0
10
20
30
40
50
60
70
80
90
012
345
6
7
89
10
11
12
13
vs POWER INPUT
P
O
W
E
R
O
U
T
P
U
T
W
A
T
T
S
POWER INPUT (WATTS)
POWER INPUT (WATTS)
BROADBAND POWER OUTPUT
vs POWER INPUT
900 MHz
850 MHz
960 MHz
7
7.5
8
8.5
9
9.5
10
825
850
875
900
925
950
975
1000
vs FREQUENCY
P
O
W
E
R
G
A
I
N
d
B
FREQUENCY (MHz)
FREQUENCY (MHz)
BROADBAND POWER GAIN
vs FREQUENCY
POUT
= 60 Watts
ICQ
= 300 mA
40
50
60
70
80
90
100
825
850
875
900
925
950
975
1000
vs FREQUENCY
P
O
W
E
R
O
U
T
P
U
T
W
A
T
T
S
FREQUENCY (MHz)
FREQUENCY (MHz)
BROADBAND POWER OUTPUT
vs FREQUENCY
PIN
= 12 Watts
ICQ
= 300 mA
30
35
40
45
50
55
60
825
850
875
900
925
950
975
1000
vs FREQUENCY
E
F
F
I
C
I
E
N
C
Y
%
FREQUENCY (MHz)
FREQUENCY (MHz)
BROADBAND EFFICIENCY
vs FREQUENCY
POUT
= 60 Watts
ICQ
= 300 mA
SD1650
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com