Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1650 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1650
Description  RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1650 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1650 Datasheet HTML 1Page - STMicroelectronics SD1650 Datasheet HTML 2Page - STMicroelectronics SD1650 Datasheet HTML 3Page - STMicroelectronics SD1650 Datasheet HTML 4Page - STMicroelectronics SD1650 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TEST CIRCUIT
C1,C2 : 220 pF Chip Capacitor ATC Size B
C3
: 10 Microfarad Electrolytic Capacitor
C4,C5 : 220 pF Chip Capacitor ATC Size B
C6,C7 : 1 - 4 pF Johanson Variable Capacitor
D1,D2 : 1N3064 Diode or Equiv
L1,L2
: 5 Turn 1/4” Dia. 16 AWG Coil
Q1
: SD1438-02 or Equiv.
R1
: 5K
Ω Potentiometer
R2
: 100
Ω 1/4 Watt Resistor
Er
=10.2 H =.025in.
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
850 MHz
2.4 + j 5.2
4.0
− j1.3
870 MHz
2.6 + j 5.4
3.9
− j2.3
900 MHz
3.2 + j 6.3
3.6
− j2.6
930 MHz
4.1 + j 6.0
3.4
− j2.4
960 MHz
4.7 + j 5.6
3.0
− j3.0
SD1650
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com