Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-H9GP Datasheet (PDF) - ams-OSRAM AG

LUW-H9GP Datasheet PDF - ams-OSRAM AG
Part # LUW-H9GP
Download  LUW-H9GP Download
File Size   1979.24 Kbytes
Page   25 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Black

LUW-H9GP Datasheet (PDF)

Go To PDF Page Download Datasheet
LUW-H9GP Datasheet PDF - ams-OSRAM AG

Part # LUW-H9GP
Download  LUW-H9GP Click to download

File Size   1979.24 Kbytes
Page   25 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Black

LUW-H9GP Datasheet (HTML) - ams-OSRAM AG


LUW-H9GP Product details

Applications
- Static Forward Lighting - Static Signaling
Features
- Package: SMD epoxy package with silicone lens
- Chip technology: ThinGaN
- Typ. Radiation: 90°
- Color: Cx = 0.31, Cy = 0.32 acc. to CIE 1931 (● ultra white)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- Color temperature: 6500K
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - LUW-H9GP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUW-H9GP OSRAM-LUW-H9GP Datasheet
795Kb / 23P
SMD epoxy package with silicone lens
logo
ams-OSRAM AG
LUW-H9GP-CE AMSOSRAM-LUW-H9GP-CE Datasheet
1Mb / 24P
OSLON® Black
2023-09-29
logo
OSRAM GmbH
LUW-H9GP.CE OSRAM-LUW-H9GP.CE Datasheet
729Kb / 23P
SMD epoxy package with silicone lens
More results


Similar Description - LUW-H9GP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4703AS OSRAM-SFH4703AS Datasheet
570Kb / 14P
OSLON Black Series
LAH9GP OSRAM-LAH9GP Datasheet
621Kb / 21P
OSLON Black
LRH9PP OSRAM-LRH9PP Datasheet
726Kb / 22P
OSLON Black Flat
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
SFH-4713A OSRAM-SFH-4713A Datasheet
748Kb / 13P
OSLON Black Series
SFH-4715 OSRAM-SFH-4715 Datasheet
500Kb / 14P
OSLON Black Series
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com