Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THA15 Datasheet (PDF) - STMicroelectronics

THA15 Datasheet PDF - STMicroelectronics
Part # THA15
Download  THA15 Download
File Size   82.9 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS

THA15 Datasheet (PDF)

Go To PDF Page Download Datasheet
THA15 Datasheet PDF - STMicroelectronics

Part # THA15
Download  THA15 Click to download

File Size   82.9 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS

THA15 Datasheet (HTML) - STMicroelectronics


THA15 Product details

DESCRIPTION
The SD1726 is a 50 V epitaxial silicon NPN planar transistor designed primarily for SSB communications. This device utilizes emitter ballasting to achieve extreme ruggedness under severe operating conditions.

FEATURES
• OPTIMIZED FOR SSB
• 30 MHz
• 50 V
• IMD-30 dB
• COMMON EMITTER
• GOLD METALLIZATION
• POUT = 150 W PEP MIN. WITH 14 dB GAIN




Similar Part No. - THA15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THA15 STMICROELECTRONICS-THA15 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
More results


Similar Description - THA15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
07-Sep-1994
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1076 MICROSEMI-MS1076 Datasheet
92Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com