Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THA15 Datasheet(PDF) 1 Page - STMicroelectronics

Part # THA15
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THA15 Datasheet(HTML) 1 Page - STMicroelectronics

  THA15 Datasheet HTML 1Page - STMicroelectronics THA15 Datasheet HTML 2Page - STMicroelectronics THA15 Datasheet HTML 3Page - STMicroelectronics THA15 Datasheet HTML 4Page - STMicroelectronics THA15 Datasheet HTML 5Page - STMicroelectronics THA15 Datasheet HTML 6Page - STMicroelectronics THA15 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HF SSB APPLICATIONS
RF & MICROWAVE TRANSISTORS
.500 4LFL (M174)
epoxy sealed
.
OPTIMIZED FOR SSB
.
30 MHz
.
50 VOLTS
.
IMD
−30 dB
.
COMMON EMITTER
.
GOLD METALLIZATION
.
POUT
= 150 W PEP MIN. WITH 14 dB GAIN
DESCRIPTION
The SD1726 is a 50 V epitaxial silicon NPN planar
transistor designed primarily for SSB communica-
tions. This device utilizes emitter ballasting to
achieve extreme ruggedness under severe oper-
ating conditions.
PIN CONNECTION
BRANDING
THA15
ORDER CODE
SD1726
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
110
V
VCEO
Collector-Emitter Voltage
55
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
10
A
PDISS
Power Dissipation
233
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
0.75
°C/W
SD1726 (THA15)
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
November 1992
1/7


Similar Part No. - THA15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THA15 STMICROELECTRONICS-THA15 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
More results

Similar Description - THA15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
07-Sep-1994
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1076 MICROSEMI-MS1076 Datasheet
92Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com