Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THA15 Datasheet(PDF) 6 Page - STMicroelectronics

Part # THA15
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THA15 Datasheet(HTML) 6 Page - STMicroelectronics

  THA15 Datasheet HTML 1Page - STMicroelectronics THA15 Datasheet HTML 2Page - STMicroelectronics THA15 Datasheet HTML 3Page - STMicroelectronics THA15 Datasheet HTML 4Page - STMicroelectronics THA15 Datasheet HTML 5Page - STMicroelectronics THA15 Datasheet HTML 6Page - STMicroelectronics THA15 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
C1
: Arco 427
C2
: Arco 4611
C3
: Arco 4615
C4
: 220pF
C5, C6
: Arco 4215
C7
: Arco 426
C8, C12
: 100nF 63V
C9, C11
C15
: 1nF
C10
: 470
µF 40V
C13
: 220
µF 63V
C14
: 10nF
L1
: 5 Turns Diameter 8mm, 1.3mm Wire, Length 15mm
L2
: Hair Pin Copper Foil 20 x 5mm, 0.2mm Thick
L3
: 1 Turn Diameter 10mm, 1.3mm Wire, Length 8mm
L4
: 6 Turns Diameter 8mm, 1.3mm Wire, Length 25mm
L5
: 4 Turns Diameter 12mm, 2mm Wire, Length 25mm
L6, L7
L8
: Choke
R
: 0.6
Ω
TEST CIRCUIT - CLASS AB - 30 MHz
MOUNTING CIRCUIT - CLASS AB - 30MHz
SD1726 (THA15)
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com