Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP14VMM2M Datasheet (PDF) - StarTech.com Ltd.

DP14VMM2M Datasheet PDF - StarTech.com Ltd.
Part # DP14VMM2M
Download  DP14VMM2M Download
File Size   73.27 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6ft (2m) VESA Certified DisplayPort 1.4 Cable - 8K 60Hz HDR10 - Ultra HD 4K 120Hz Video - DP

DP14VMM2M Datasheet (PDF)

Go To PDF Page Download Datasheet
DP14VMM2M Datasheet PDF - StarTech.com Ltd.

Part # DP14VMM2M
Download  DP14VMM2M Click to download

File Size   73.27 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6ft (2m) VESA Certified DisplayPort 1.4 Cable - 8K 60Hz HDR10 - Ultra HD 4K 120Hz Video - DP

DP14VMM2M Datasheet (HTML) - StarTech.com Ltd.


DP14VMM2M Product details

Features
• DURABLE: Tested to withstand 5000+ insertions & 300+ bend cycles at 120 angle; Long lasting TPE jacket w/
molded Soft TPE strain relief absorbs stress of frequent bends; TPE is non-toxic, halogen free & RoHS certified for
environmental sustainability
• APPLICATIONS: 8K DisplayPort cable for home or professional workstations w/ Radeon Vega Frontier/Pro WX
Series 2100/3100/5100/7100/W5500, Pro Duo 2000 & Nvidia Quadrop GP100, GV100/RTX 4000; Dell XPS 11th
Gen, HP Z2 G8; Connect to DP monitor/display/TV
• HIGH PERFORMANCE: 6.6ft (2m) VESA Certified DisplayPort 1.4 cable; 8K 60Hz (7680x4320p), 4K 120Hz
(3840x2160p), 32.4Gbps bandwidth, HDR10, 32Ch Audio, MST, GTC for precise audio channel timing; future-proof
your equipment by making it 8K ready
• RELIABLE: 34 AWG video cable built with internal wire manager to ensure signal integrity; Metal connector
sub-structure & Al-Mylar Foil w/Braid (85% coverage) for superior EMI shielding; Gold-plated latching DP connectors
prevent accidental disconnection
• SPECS: 6.6 feet (2 meter) Black DP 1.4 cable Male to Male Cord Gold-plated connectors EMI Shield: Al-Mylar




Similar Part No. - DP14VMM2M

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DP14VMM1M STARTECH-DP14VMM1M Datasheet
73Kb / 4P
3ft (1m) VESA Certified DisplayPort 1.4 Cable - 8K 60Hz HDR10 - Ultra HD 4K 120Hz Video - DP 1.4 Cable / Cord - For Monitors/Displays - DisplayPort to DisplayPort Cable - M/M
DP14VMM3M STARTECH-DP14VMM3M Datasheet
82Kb / 4P
10ft (3m) VESA Certified DisplayPort 1.4 Cable - 8K 60Hz HDR10 - Ultra HD 4K 120Hz Video - DP 1.4 Cable / Cord - For Monitors/Displays - DisplayPort to DisplayPort Cable - M/M
DP14VMM4M STARTECH-DP14VMM4M Datasheet
82Kb / 4P
13ft (4m) VESA Certified DisplayPort 1.4 Cable - 8K 60Hz HDR10 - Ultra HD 4K 120Hz Video - DP 1.4 Cable / Cord - For Monitors/Displays - DisplayPort to DisplayPort Cable - M/M
DP14VMM5M STARTECH-DP14VMM5M Datasheet
82Kb / 4P
16ft (5m) VESA Certified DisplayPort 1.4 Cable - 8K 60Hz HDR10 - Ultra HD 4K 120Hz Video - DP 1.4 Cable / Cord - For Monitors/Displays - DisplayPort to DisplayPort Cable - M/M
More results


Similar Description - DP14VMM2M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P583-010 TRIPPLITE-P583-010 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 10 ft.
logo
IOGEAR
G2LDPDP02 IOGEAR-G2LDPDP02 Datasheet
141Kb / 2P
DisplayPort to DisplayPort Cable - 6ft
G2LMDPDP02 IOGEAR-G2LMDPDP02 Datasheet
142Kb / 2P
Mini DisplayPort to DisplayPort Cable - 6ft
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
DisplayPort 1.4 8K Repeater
GDP14SW2 IOGEAR-GDP14SW2 Datasheet
150Kb / 2P
2-Port 8K DisplayPort 1.4 Switch
GWLR4K60RX IOGEAR-GWLR4K60RX Datasheet
141Kb / 2P
Ultra Long-Range Wireless 4K @ 60Hz Video Receiver
logo
Tripp Lite. All Rights ...
P583-003-BK TRIPPLITE-P583-003-BK_V01 Datasheet
52Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, Black, 3 ft. (0.9 m)
P583-003 TRIPPLITE-P583-003_V01 Datasheet
33Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, White, 3 ft. (0.9 m)
P583-006 TRIPPLITE-P583-006_V01 Datasheet
34Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, White, 6 ft. (1.8 m)
P583-010 TRIPPLITE-P583-010_V01 Datasheet
34Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, White, 10 ft. (3.1 m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com