Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP14VMM2M Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DP14VMM2M
Description  6ft (2m) VESA Certified DisplayPort 1.4 Cable - 8K 60Hz HDR10 - Ultra HD 4K 120Hz Video - DP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DP14VMM2M Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DP14VMM2M Datasheet HTML 1Page - StarTech.com Ltd. DP14VMM2M Datasheet HTML 2Page - StarTech.com Ltd. DP14VMM2M Datasheet HTML 3Page - StarTech.com Ltd. DP14VMM2M Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Long lasting flexible TPE jacket & strain relief (TPE is non-toxic & halogen free for environmental sustainability)
Connector Key Features
Die-cast aluminium sub-structure shielding improves signal integrity & prevents signal degradation
Corrosion-free gold-plated connectors ensure premium video quality & enhanced reliability
Tested to withstand 5000+ insertions
8K: Enabling Business Continuity
8K has a resolution of 7680 x 4320 and is also known as 4320p and Ultra High Definition (UHD). Suitable for digital
signage and other commercial displays that require the highest available resolution. This cable is backward
compatible with 4K and 5K displays making it the perfect peripheral to start futureproofing your cabling infrastructure.
Comprehensive Product Testing & Expert Technical Support
StarTech.com conducts thorough compatibility and performance testing on all our products to ensure we are meeting
or exceeding industry standards and providing high-quality products to our customers. Our local StarTech.com
Technical Advisors have a broad product expertise and work directly with StarTech.com Engineers to provide support
for our customers both pre and post-sales.
DP14VMM2M is backed by a StarTech.com lifetime warranty.
Certifications, Reports and Compatibility
Applications
Features
• DURABLE: Tested to withstand 5000+ insertions & 300+ bend cycles at 120 angle; Long lasting TPE jacket w/
molded Soft TPE strain relief absorbs stress of frequent bends; TPE is non-toxic, halogen free & RoHS certified for
environmental sustainability
• APPLICATIONS: 8K DisplayPort cable for home or professional workstations w/ Radeon Vega Frontier/Pro WX
Series 2100/3100/5100/7100/W5500, Pro Duo 2000 & Nvidia Quadrop GP100, GV100/RTX 4000; Dell XPS 11th
Gen, HP Z2 G8; Connect to DP monitor/display/TV
• HIGH PERFORMANCE: 6.6ft (2m) VESA Certified DisplayPort 1.4 cable; 8K 60Hz (7680x4320p), 4K 120Hz
(3840x2160p), 32.4Gbps bandwidth, HDR10, 32Ch Audio, MST, GTC for precise audio channel timing; future-proof
your equipment by making it 8K ready
• RELIABLE: 34 AWG video cable built with internal wire manager to ensure signal integrity; Metal connector
sub-structure & Al-Mylar Foil w/Braid (85% coverage) for superior EMI shielding; Gold-plated latching DP connectors
prevent accidental disconnection
• SPECS: 6.6 feet (2 meter) Black DP 1.4 cable Male to Male Cord Gold-plated connectors EMI Shield: Al-Mylar



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com