Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP14VMM2M Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # DP14VMM2M
Description  6ft (2m) VESA Certified DisplayPort 1.4 Cable - 8K 60Hz HDR10 - Ultra HD 4K 120Hz Video - DP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DP14VMM2M Datasheet(HTML) 3 Page - StarTech.com Ltd.

  DP14VMM2M Datasheet HTML 1Page - StarTech.com Ltd. DP14VMM2M Datasheet HTML 2Page - StarTech.com Ltd. DP14VMM2M Datasheet HTML 3Page - StarTech.com Ltd. DP14VMM2M Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Foil w/85% Braid Supports: HBR3, 4:4:4 Chroma Subsampling, DSC 1.2, HDCP 2.2 Works w/DP 1.4 & previous
versions Lifetime Warranty
Hardware
Warranty
Lifetime
Active or Passive Adapter
Passive
Number of Conductors
19
Connector Plating
Gold
Cable Jacket Material
TPE - Thermoplastic Elastomers
Cable Shield Material
Aluminum-Mylar Foil with Braid
Performance
Maximum Data Transfer
Rate
32.4Gbps
Maximum Digital
Resolutions
8K 60Hz (7680 x 4320)
Audio Specifications
DisplayPort - 7.1 Channel Audio
DisplayPort - 5.1 Channel Audio
Connector(s)
Connector A
DisplayPort (20 pin)
Connector B
DisplayPort (20 pin)
Environmental
Operating Temperature
0C to 50C (32F to 122F)
Storage Temperature
0C to 50C (32F to 122F)
Humidity
0%RH ~ 85%RH
Physical
Characteristics
Color
Gray and Black
Wire Gauge
34 AWG
Cable Length
6.6 ft [2 m]
Cable OD
0.2 in [4.5 mm]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com