Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30A4AIB Datasheet (PDF) - StarTech.com Ltd.

HB30A4AIB Datasheet PDF - StarTech.com Ltd.
Part # HB30A4AIB
Download  HB30A4AIB Download
File Size   63.53 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB 3.0 Hub - USB-A to 4x USB 3.0 Type-A with Individual On/Off Port Switches - SuperSpeed 5Gbps USB 3.1/3.2 Gen 1 - USB Bus Powered - Portable - 9.8" Attached Cable

HB30A4AIB Datasheet (PDF)

Go To PDF Page Download Datasheet
HB30A4AIB Datasheet PDF - StarTech.com Ltd.

Part # HB30A4AIB
Download  HB30A4AIB Click to download

File Size   63.53 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB 3.0 Hub - USB-A to 4x USB 3.0 Type-A with Individual On/Off Port Switches - SuperSpeed 5Gbps USB 3.1/3.2 Gen 1 - USB Bus Powered - Portable - 9.8" Attached Cable

HB30A4AIB Datasheet (HTML) - StarTech.com Ltd.


HB30A4AIB Product details

Applications
• Take the hub with you when you travel, to connect your USB devices
• Switch unused ports off when using high power-consuming USB equipment
• Perfect for office, hot-desk, home office and bring-your-own-device environments

Features
• 4-PORT USB 3.0 HUB: Expand the connectivity of a USB-A laptop by adding 4x USB-A ports w/ individual port
switches, using this USB 3.2/3.1 Gen 1 5Gbps bus powered hub; 4.5W shared w/downstream devices
• INDIVIDUAL PORT SWITCHES: Each USB-A port has an on/off push button (w/ LEDs) to disconnect power/data to
devices; Save energy by turning off SSD/thumb drives, web cams, headsets, etc. when not in use
• MANAGE POWER & RESET DEVICES: Port switches enable you to direct power to selected peripherals, power
on/off without physically unplugging the device which reduces wear and tear on the USB port
• COMPACT & PORTABLE: A lightweight bus powered USB 3.0 hub with black plastic housing, 9.8" (25 cm) attached
USB-A host cable and small form factor [3.3in (85mm) x 1.4in (35mm) x 0.8in (1.9cm)]
• WIDE COMPATIBILITY: USB Type-A laptop hub is OS independent & no drivers to install; supporting operating
systems including Windows, macOS, Linux, Chrome OS and Android; USB 3.0/2.0 device compatible




Similar Part No. - HB30A4AIB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB30A7AME STARTECH-HB30A7AME Datasheet
161Kb / 5P
7-Port Industrial USB 3.0 Hub with External Power Adapter - ESD & 350W Surge Protection
HB30AM4AB STARTECH-HB30AM4AB Datasheet
65Kb / 4P
4 Port USB 3.0 Hub - USB-A to 4x USB-A - SuperSpeed 5Gbps Portable USB 3.1 Gen 1 Type-A Hub - USB Bus Powered - Laptop/Desktop USB Hub with Long Cable 28cm & Cable Management
More results


Similar Description - HB30A4AIB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U360412 TRIPPLITE-U360412 Datasheet
498Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
U360004MINI TRIPPLITE-U360004MINI Datasheet
502Kb / 2P
4-Port Portable USB 3.0 SuperSpeed Hub
U360004R TRIPPLITE-U360004R Datasheet
492Kb / 2P
4-Port USB 3.0 SuperSpeed Hub
U360-412 TRIPPLITE-U360-412 Datasheet
511Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U360-004-AL TRIPPLITE-U360-004-AL Datasheet
503Kb / 2P
4-Port Portable USB 3.0 SuperSpeed Mini Hub, Aluminum
U460-003-3AG TRIPPLITE-U460-003-3AG Datasheet
500Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, with Gigabit Ethernet Port
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
IOGEAR
GUH326 IOGEAR-GUH326 Datasheet
149Kb / 3P
6-Port SuperSpeed USB 3.0 Hub
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com