Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30A7AME Datasheet (PDF) - StarTech.com Ltd.

HB30A7AME Datasheet PDF - StarTech.com Ltd.
Part # HB30A7AME
Download  HB30A7AME Download
File Size   161.7 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 7-Port Industrial USB 3.0 Hub with External Power Adapter - ESD & 350W Surge Protection

HB30A7AME Datasheet (PDF)

Go To PDF Page Download Datasheet
HB30A7AME Datasheet PDF - StarTech.com Ltd.

Part # HB30A7AME
Download  HB30A7AME Click to download

File Size   161.7 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 7-Port Industrial USB 3.0 Hub with External Power Adapter - ESD & 350W Surge Protection

HB30A7AME Datasheet (HTML) - StarTech.com Ltd.


HB30A7AME Product details

Features
• Protects your connected devices with 15kV Air and 8kV Contact ESD
protection
• Surge protection of 350W on the downstream and upstream USB
ports
• Mount industrial USB hub where required with built-in mounting
brackets or included DIN rails
• Offers flexible, wide-range power inputs with a 7-24V DC terminal
block and included external power adapter
• USB Battery Charging Specification 1.2 up to 2.4A on any port to a
maximum of 35W total




Similar Part No. - HB30A7AME

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB30A4AIB STARTECH-HB30A4AIB Datasheet
63Kb / 4P
4 Port USB 3.0 Hub - USB-A to 4x USB 3.0 Type-A with Individual On/Off Port Switches - SuperSpeed 5Gbps USB 3.1/3.2 Gen 1 - USB Bus Powered - Portable - 9.8" Attached Cable
HB30AM4AB STARTECH-HB30AM4AB Datasheet
65Kb / 4P
4 Port USB 3.0 Hub - USB-A to 4x USB-A - SuperSpeed 5Gbps Portable USB 3.1 Gen 1 Type-A Hub - USB Bus Powered - Laptop/Desktop USB Hub with Long Cable 28cm & Cable Management
More results


Similar Description - HB30A7AME

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U360007IND TRIPPLITE-U360007IND Datasheet
496Kb / 2P
7-Port Rugged Industrial USB 3.0 SuperSpeed Hub
logo
Coolgear Inc.
CG-2X3510S7-BOARD COOLGEAR-CG-2X3510S7-BOARD Datasheet
309Kb / 2P
USB 3.2 Gen 1 Mini 7 Port Hub Component w/ ESD Surge Protection
Rev 05.221219
CG-7PU31HB COOLGEAR-CG-7PU31HB Datasheet
121Kb / 3P
7 Port USB 3.1 Gen1 Metal Hub w/15KV ESD Surge Protection and Power Adapter
CG-7U3DS COOLGEAR-CG-7U3DS Datasheet
119Kb / 3P
7-Port USB 3.0 Metal Hub with Surge Protection
CG-U31IS4PH COOLGEAR-CG-U31IS4PH Datasheet
118Kb / 3P
4 Port USB 3.1 Gen1 Isolated Hub with 15KV ESD Surge Protection
CG-U3MINI4PH COOLGEAR-CG-U3MINI4PH Datasheet
2Mb / 3P
USB 3.1 Powered 4 Port Mini Hub with ESD & Surge Protection
Rev 04.210506
GM-HU37-PCBA COOLGEAR-GM-HU37-PCBA Datasheet
1Mb / 2P
7 Port USB 3.2 Gen 1 Hub PCBA w/ ESD Surge Protection
Rev 05.220630
USB3-16U1 COOLGEAR-USB3-16U1 Datasheet
118Kb / 3P
16 Port USB 3.0 Metal Hub w/Surge Protection
USBG-3X4M COOLGEAR-USBG-3X4M Datasheet
118Kb / 3P
USB 3.0 4-Port Industrial Hub with Power Supply
CG-U3MINI7PH COOLGEAR-CG-U3MINI7PH Datasheet
414Kb / 2P
7 Port USB 3.2 Gen 1 Mini Powered Hub w/ ESD Surge Protection & Power Adapter
Rev 05.230316
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com