Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30AM4AB Datasheet (PDF) - StarTech.com Ltd.

HB30AM4AB Datasheet PDF - StarTech.com Ltd.
Part # HB30AM4AB
Download  HB30AM4AB Download
File Size   65.61 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB 3.0 Hub - USB-A to 4x USB-A - SuperSpeed 5Gbps Portable USB 3.1 Gen 1 Type-A Hub - USB Bus Powered - Laptop/Desktop USB Hub with Long Cable 28cm & Cable Management

HB30AM4AB Datasheet (PDF)

Go To PDF Page Download Datasheet
HB30AM4AB Datasheet PDF - StarTech.com Ltd.

Part # HB30AM4AB
Download  HB30AM4AB Click to download

File Size   65.61 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB 3.0 Hub - USB-A to 4x USB-A - SuperSpeed 5Gbps Portable USB 3.1 Gen 1 Type-A Hub - USB Bus Powered - Laptop/Desktop USB Hub with Long Cable 28cm & Cable Management

HB30AM4AB Datasheet (HTML) - StarTech.com Ltd.


HB30AM4AB Product details

Applications
• Connect SSD/thumb drives, data storage devices, keyboards, mice, web cams and USB headsets to your USB-A
computer
• Store in your laptop bag while traveling

Features
• 4-PORT USB 3.0 HUB: Expand the connectivity of a USB-A laptop or desktop PC by adding 4x USB-A ports with
this USB 3.2/3.1 Gen 1 SuperSpeed 5Gbps hub; Supports USB 3.0/2.0 devices
• ORGANIZED & PORTABLE: Compact USB-A hub with hideaway cable management to prevent tangles in laptop
bags or pockets; Lightweight travel hub w/ durable plastic housing, 11" (28 cm) attached USB-A cable ideal for use at
the office or home office
• BUS POWERED USB HUB: USB Type-A hub w/ speeds up to 5Gbps & shared power up to 4.5W, dependent on
power provided by your computer; Supports SSD/thumb drives, data storage, keyboards, mice, web cams, headsets
• COMPATIBILITY: OS independent, works with Windows, macOS, Linux, Chrome OS; Long host cable for USB-A
laptops on stands or 2-in-1's (Dell XPS, Microsoft Surface Pro & Laptop, Lenovo ThinkPad X1 Carbon, HP EliteBook,
Chromebooks)
• STARTECH.COM ADVANTAGE: IT professionals’ choice for over 30 years; This expander hub with multiple USB-A
ports is backed for 2-years by StarTech.com, including free 24/5 North America based multi-lingual tech support




Similar Part No. - HB30AM4AB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB30A4AIB STARTECH-HB30A4AIB Datasheet
63Kb / 4P
4 Port USB 3.0 Hub - USB-A to 4x USB 3.0 Type-A with Individual On/Off Port Switches - SuperSpeed 5Gbps USB 3.1/3.2 Gen 1 - USB Bus Powered - Portable - 9.8" Attached Cable
HB30A7AME STARTECH-HB30A7AME Datasheet
161Kb / 5P
7-Port Industrial USB 3.0 Hub with External Power Adapter - ESD & 350W Surge Protection
More results


Similar Description - HB30AM4AB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U360412 TRIPPLITE-U360412 Datasheet
498Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
U360004MINI TRIPPLITE-U360004MINI Datasheet
502Kb / 2P
4-Port Portable USB 3.0 SuperSpeed Hub
U360004R TRIPPLITE-U360004R Datasheet
492Kb / 2P
4-Port USB 3.0 SuperSpeed Hub
U360-412 TRIPPLITE-U360-412 Datasheet
511Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U460-003-3AG TRIPPLITE-U460-003-3AG Datasheet
500Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, with Gigabit Ethernet Port
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-003-3AM TRIPPLITE-U460-003-3AM Datasheet
496Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, Micro SD & SD/MMC Reader
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com