Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30AM4AB Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # HB30AM4AB
Description  4 Port USB 3.0 Hub - USB-A to 4x USB-A - SuperSpeed 5Gbps Portable USB 3.1 Gen 1 Type-A Hub - USB Bus Powered - Laptop/Desktop USB Hub with Long Cable 28cm & Cable Management
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB30AM4AB Datasheet(HTML) 3 Page - StarTech.com Ltd.

  HB30AM4AB Datasheet HTML 1Page - StarTech.com Ltd. HB30AM4AB Datasheet HTML 2Page - StarTech.com Ltd. HB30AM4AB Datasheet HTML 3Page - StarTech.com Ltd. HB30AM4AB Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Performance
Total Available Power
Output (In Watts)
Up to 4.5W
<i>Total available power is dependent on the source</i>
Maximum Data Transfer
Rate
5Gbps
Type and Rate
USB 3.1 Gen 1 - 5 Gbit/s
UASP Support
Yes
Connector(s)
Connector Type(s)
USB 3.1 USB Type-A (9 pin, Gen 1, 5 Gbps)
USB 3.1 USB Type-A (9 pin, Gen 1, 5 Gbps)
Software
OS Compatibility
OS Independent
Power
Power Source
Bus Powered
Environmental
Operating Temperature
0C to 50C (32F to 122F)
Storage Temperature
-20C to 70C (-4F to 158F)
Humidity
0% to 95% (non-condensing) at 25C (77F)
Physical
Characteristics
Color
Black & Space Gray
Form Factor
Compact
Material
Plastic
Cable Length
11.0 in [28 cm]
Product Length
5.3 in [13.5 cm]
Product Width
2.0 in [50.0 mm]
Product Height
0.8 in [20.0 mm]
Weight of Product
2.6 oz [75.0 g]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com