Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30AM4AB Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # HB30AM4AB
Description  4 Port USB 3.0 Hub - USB-A to 4x USB-A - SuperSpeed 5Gbps Portable USB 3.1 Gen 1 Type-A Hub - USB Bus Powered - Laptop/Desktop USB Hub with Long Cable 28cm & Cable Management
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB30AM4AB Datasheet(HTML) 1 Page - StarTech.com Ltd.

  HB30AM4AB Datasheet HTML 1Page - StarTech.com Ltd. HB30AM4AB Datasheet HTML 2Page - StarTech.com Ltd. HB30AM4AB Datasheet HTML 3Page - StarTech.com Ltd. HB30AM4AB Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4 Port USB 3.0 Hub - USB-A to 4x USB-A - SuperSpeed 5Gbps Portable USB 3.1 Gen 1 Type-A
Hub - USB Bus Powered - Laptop/Desktop USB Hub with Long Cable 28cm & Cable Management
Product ID: HB30AM4AB
This 4 Port USB Hub enables you to connect four SuperSpeed USB 3.2 Gen 1 (5 Gbps) peripherals to your USB-A
laptop or computer, an ideal solution for adding USB ports to a device that has limited USB ports available. It features
a wrap-around cable manager, allowing you to tuck away the built-in cable for easy portability.
Note: USB 3.2 Gen 1 (5 Gbps) is also know as USB 3.1 Gen 1 (5 Gbps), and USB 3.0 (5 Gbps).
With this USB hub you can connect four USB-A devices to a single USB-A port on your host device. The USB Type-A
hub shares up to 4.5W (5V/900mA) of power between connected devices, making it an ideal solution for connecting
SSD/thumb drives, data storage, keyboards, mice, web cams and USB headsets. The USB hub is backward
compatible with USB 2.0 (480 Mbps).
Featuring a durable plastic housing that's lightweight, and a sleek warp-around cable management system, this USB
hub is the perfect travel companion for your laptop. Its small footprint ensures it will store easily in your laptop bag,
and the wrap-around cable manager prevents tangles, ensuring easy accessibility. The USB hub is bus powered so
there's no bulky external power adapter.
The USB hub is OS independent ensuring support on a wide range of platforms including Windows, macOS, Linux,
iPadOS, Chrome OS and Android. The built-in host cable is 11 in. (28 cm) long, providing enough length to easily
integrate into any workstation, reaching your host device even when it's placed on a laptop riser or stand. The USB-A
host connection works with any USB Type-A laptop, or 2-in-1, such as Surface Pro 7, Surface Book, MacBook, XPS
or X1 Carbon.
HB30AM4AB is backed by a StarTech.com 2-year warranty and free lifetime 24/5 multi-lingual North American based
technical support. StarTech.com has been the IT professionals' choice for over 30 years.
Certifications, Reports and Compatibility


Similar Part No. - HB30AM4AB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB30A4AIB STARTECH-HB30A4AIB Datasheet
63Kb / 4P
4 Port USB 3.0 Hub - USB-A to 4x USB 3.0 Type-A with Individual On/Off Port Switches - SuperSpeed 5Gbps USB 3.1/3.2 Gen 1 - USB Bus Powered - Portable - 9.8" Attached Cable
HB30A7AME STARTECH-HB30A7AME Datasheet
161Kb / 5P
7-Port Industrial USB 3.0 Hub with External Power Adapter - ESD & 350W Surge Protection
More results

Similar Description - HB30AM4AB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U360412 TRIPPLITE-U360412 Datasheet
498Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
U360004MINI TRIPPLITE-U360004MINI Datasheet
502Kb / 2P
4-Port Portable USB 3.0 SuperSpeed Hub
U360004R TRIPPLITE-U360004R Datasheet
492Kb / 2P
4-Port USB 3.0 SuperSpeed Hub
U360-412 TRIPPLITE-U360-412 Datasheet
511Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U460-003-3AG TRIPPLITE-U460-003-3AG Datasheet
500Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, with Gigabit Ethernet Port
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-003-3AM TRIPPLITE-U460-003-3AM Datasheet
496Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, Micro SD & SD/MMC Reader
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com