Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30AM4AB Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # HB30AM4AB
Description  4 Port USB 3.0 Hub - USB-A to 4x USB-A - SuperSpeed 5Gbps Portable USB 3.1 Gen 1 Type-A Hub - USB Bus Powered - Laptop/Desktop USB Hub with Long Cable 28cm & Cable Management
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB30AM4AB Datasheet(HTML) 2 Page - StarTech.com Ltd.

  HB30AM4AB Datasheet HTML 1Page - StarTech.com Ltd. HB30AM4AB Datasheet HTML 2Page - StarTech.com Ltd. HB30AM4AB Datasheet HTML 3Page - StarTech.com Ltd. HB30AM4AB Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Connect SSD/thumb drives, data storage devices, keyboards, mice, web cams and USB headsets to your USB-A
computer
• Store in your laptop bag while traveling
Features
• 4-PORT USB 3.0 HUB: Expand the connectivity of a USB-A laptop or desktop PC by adding 4x USB-A ports with
this USB 3.2/3.1 Gen 1 SuperSpeed 5Gbps hub; Supports USB 3.0/2.0 devices
• ORGANIZED & PORTABLE: Compact USB-A hub with hideaway cable management to prevent tangles in laptop
bags or pockets; Lightweight travel hub w/ durable plastic housing, 11" (28 cm) attached USB-A cable ideal for use at
the office or home office
• BUS POWERED USB HUB: USB Type-A hub w/ speeds up to 5Gbps & shared power up to 4.5W, dependent on
power provided by your computer; Supports SSD/thumb drives, data storage, keyboards, mice, web cams, headsets
• COMPATIBILITY: OS independent, works with Windows, macOS, Linux, Chrome OS; Long host cable for USB-A
laptops on stands or 2-in-1's (Dell XPS, Microsoft Surface Pro & Laptop, Lenovo ThinkPad X1 Carbon, HP EliteBook,
Chromebooks)
• STARTECH.COM ADVANTAGE: IT professionals’ choice for over 30 years; This expander hub with multiple USB-A
ports is backed for 2-years by StarTech.com, including free 24/5 North America based multi-lingual tech support
Prominence
Warranty
2 Years
Description CDW 75 - 1st
Line
StarTech.com 4 Port USB 3.0 Hub (5Gbps) - 4x USB Type-A - 11"
Long Cable
Hardware
USB-C Device Port(s)
No
USB-C Host Connection
No
Fast-Charge Port(s)
No
Ports
4
Interface
USB 3.2 Gen 1
Bus Type
USB 3.2 Gen 1 (5 Gbps)
Industry Standards
USB 3.2 - Backward compatible with USB 3.1, 3.0, 2.0 and 1.1
Chipset ID
Realtek - RTS5411E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com